Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC3PD-18263-S Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZC3PD-18263-S
Description  Power Splitter/Combiner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZC3PD-18263-S Datasheet(HTML) 1 Page - Mini-Circuits

  ZC3PD-18263-S Datasheet HTML 1Page - Mini-Circuits ZC3PD-18263-S Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Super wideband, 18 to 26.5 GHz
• Low insertion loss, 0.9 dB typ.
• High Isolation, 35 dB typ.
• 20W power handling
• Low amplitude unbalance, 0.17 dB typ.
Product Overview
Mini-Circuits’ ZC3PD-18263-S+ is a super wideband 3-way 0˚ splitter/combiner providing coverage from
18 to 26.5 GHz, supporting a wide range of applications including K-Band, instrumentation and many
more. This model provides 20W power handling as a splitter and very low insertion loss across the entire
operating frequency range, minimizing power dissipation and delivering excellent signal power transmis-
sion from input to output. The ZC3PD-18263-S+ comes housed in a case measuring 1.5 x 1.7 x 0.5” with
super SMA connectors.
Key Features
Feature
Advantages
Ultra-wideband, 18 to 26.5 GHz
Extremely wide frequency range supports many broadband applications in a
single model.
Low insertion loss, 0.9 dB typ. at 22 GHz
The combination of 20W power handling and low insertion loss makes this model
a suitable candidate for distributing signals while maintaining excellent transmis-
sion of signal power.
High isolation, 35 dB typ. at 22 GHz
Minimizes interference between ports.
Low amplitude unbalance, 0.17 dB at 22 GHz
Produces nearly equal output signals, ideal for parallel path and multichannel
systems.
DC Passing, 407mA
Supports applications where DC power is needed through the RF line.
ZC3PD-18263-S+
PowerSplitter/Combiner
3 Way-0°
50Ω
18 to 26.5 GHz
DC Pass, High Power
CASE STYLE: UU2412-2


Similar Part No. - ZC3PD-18263-S

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
ZC30 SYSTEMSENSOR-ZC30 Datasheet
122Kb / 4P
   Flow Switch Tester
ZC30A SYSTEMSENSOR-ZC30A Datasheet
122Kb / 4P
   Flow Switch Tester
More results

Similar Description - ZC3PD-18263-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com