Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


A7335 Datasheet(PDF) 17 Page - AIT Components Ltd.

Part No. A7335
Description  DC-DC CONVERTER BUCK SYNCHRONOUS CV/CC
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AITCOMPONENTS [AIT Components Ltd.]
Homepage  http://aitcomponents.com
Logo 

 
 17 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7335
DC-DC CONVERTER BUCK (STEP-DOWN)
30V, 3.5A SYNCHRONOUS CV/CC
REV1.0
- NOV 2017 RELEASED -
- 17 -
PACKAGE INFORMATION
Dimension in PSOP8 Package (Unit: mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
1.400
1.700
0.055
0.067
A1
0.050
0.150
0.002
0.006
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.007
0.010
D
4.700
5.100
0.185
0.200
D1
3.202
3.402
0.126
0.134
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
E2
2.313
2.513
0.091
0.099
e
1.270BSC
0.050BSC
L
0.400
1.270
0.016
0.050
L1
1.04 REF
0.041 REF
L1-L1’
-
0.12
-
0.005
θ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl