Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCLF-8520 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FCLF-8520
Description  1000BASE-T COPPER SFP Optical Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCLF-8520 Datasheet(HTML) 5 Page - Finisar Corporation.

  FCLF-8520 Datasheet HTML 1Page - Finisar Corporation. FCLF-8520 Datasheet HTML 2Page - Finisar Corporation. FCLF-8520 Datasheet HTML 3Page - Finisar Corporation. FCLF-8520 Datasheet HTML 4Page - Finisar Corporation. FCLF-8520 Datasheet HTML 5Page - Finisar Corporation. FCLF-8520 Datasheet HTML 6Page - Finisar Corporation. FCLF-8520 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FCLF-8520/8521-3 Product Specification
 Finisar Corporation – August 2015
Rev. E1
Page 5
V.
General Specifications
 
 
General
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Data Rate
BR
10
 
1,000 Mb/sec IEEE 802.3 compatible.
See Notes 2 through 4 below
Cable Length
L
 
100
m
Category 5 UTP. BER <10
-12
Table 6. General specifications
 
 
Notes:
1. Clock tolerance is +/- 50 ppm
2. By default, the FCLF-8520/8521-3 is a full duplex device in preferred master mode
3. Automatic crossover detection is enabled. External crossover cable is not required
4. 10/100/1000 BASE-T operation requires the host system to have an SGMII interface
with no clocks, and the module PHY to be configured per Application Note AN-2036.
With a SERDES that does not support SGMII, the module will operate at 1000BASE-T
only.
 
 
 
VI. Environmental Specifications
 
The FCLF-8520/8521-3 has an extended range from 0°C to +85°C case temperature as
specified in Table 8.
 
 
Environmental
Specifications
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Operating Temperature
Top
0
 
85
°C
Case temperature
Storage Temperature
Tsto
-40
85
°C
Ambient temperature
Table 7. Environmental specifications
 
 
 
VII. Serial Communication Protocol
 
All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP
MSA
1. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h.
For details on interfacing with the E
2PROM, see the Atmel data sheet titled
“AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”3
 
The 1000BASE-T physical layer IC can also be accessed via the 2-wire serial bus at
address ACh. For details interfacing with the PHY IC, see Marvell data sheet titled
“Alaska Ultra 88E1111 Integrated Gigabit Ethernet Transceiver”
4 (Marvell document
number MV-S100649-00).


Similar Part No. - FCLF-8520

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
ATGBICS by Approved Tec...
FCLF-8520-3-C ATGBICS-FCLF-8520-3-C Datasheet
185Kb / 7P
   FCLF-8520-3 Finisar Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ext Temp, 100m)
logo
Frontier Electronics.
FCLF-8520/21-3 FRONTIER-FCLF-8520/21-3 Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FCLF-8520

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
OPLINK Communications I...
TRPRG1VA1C000E2G OPLINK-TRPRG1VA1C000E2G Datasheet
271Kb / 6P
   1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF852P2BTL FINISAR-FCLF852P2BTL Datasheet
141Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCLF8522P2BTL_VO1 FINISAR-FCLF8522P2BTL_VO1 Datasheet
148Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com