Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111PI-50MSOP Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5111PI-50MSOP
Description  100-Tap Digitally Programmable Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111PI-50MSOP Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5111PI-50MSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5111PI-50MSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Doc. No. 2009, Rev. R
CAT5113
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance
-01 Device
1
-50 Device
50
k
-50 Device
50
-00 Device
100
Pot Resistance Tolerance
±20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
1%
%
INL
Integral Linearity Error
IW
≤ 2µA
0.5
1
LSB
DNL
Differential Linearity Error
IW
≤ 2µA
0.25
0.5
LSB
RWi
Wiper Resistance
VCC = 5V, IW = 1mA
400
VCC = 2.5V, IW = 1mA
1
k
IW
Wiper Current
(1)
-4.4
4.4
mA
TCRPOT
TC of Pot Resistance
300
ppm/oC
TCRATIO
Ratiometric TC
20
ppm/oC
VN
Noise
100kHz / 1kHz
8/24
nV/ Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10k
1.7
MHz
Potentiometer Parameters
Note:
1.
This parameter is not 100% tested.


Similar Part No. - CAT5111PI-50MSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111PI-50MSOP CATALYST-CAT5111PI-50MSOP Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
More results

Similar Description - CAT5111PI-50MSOP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com