Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2841GABIM25 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CM2841GABIM25
Description  150mA CMOS LDO WITH EN PG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2841GABIM25 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CM2841GABIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM2841GABIM25 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CM2841
150mA CMOS LDO WITH EN & PG
2004/05/14 Rev. 1.3
Champion Microelectronic Corporation
Page 10
NUMBERING SCHEME
Ordering Number: CM2841XYZ (note1)
Ordering Number: CM2841GXYZ (note2)
note1:
CM2841: 150mA CMOS LDO
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note2:
CM2841: 150mA CMOS LDO
G : Suffix for Pb Free Product
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note 3: see CMOS LDO Voltage Suffix Table
CM2841 will provide options of AC(1.2V), AB(1.3V), A(1.5V)
note 4:
Y= I : -40
~+85(only I grade support for all CMOS LDOs)
note 5:
Z is single alphabet with or without digits
M25 : SOT-23-5 (TR only)
CMOS LDO Voltage Suffix Table
Output Voltage
Suffix
Output Voltage
Suffix
1.2V
AC
2.7V
M
1.3V
AB
2.8V
N
1.4V
AA
2.9V
O
1.5V
A
3.0V
P
1.6V
B
3.1V
Q
1.7V
C
3.2V
R
1.8V
D
3.3V
S
1.9V
E
3.4V
T
2.0V
F
3.5V
U
2.1V
G
3.6V
V
2.2V
H
3.7V
W
2.3V
I
3.8V
X
2.4V
J
3.9V
Y
2.5V
K
4.0V
Z
2.6V
L


Similar Part No. - CM2841GABIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2843 ETC-CM2843 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843ABIM25 ETC-CM2843ABIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843ACIM25 ETC-CM2843ACIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843AIM25 ETC-CM2843AIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2843GABIM25 ETC-CM2843GABIM25 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
More results

Similar Description - CM2841GABIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2852 ETC1-CM2852 Datasheet
179Kb / 10P
   300mA CMOS LDO WITH EN & PG
CM2843 ETC-CM2843 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_07 Datasheet
236Kb / 6P
   150mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
   150mA CMOS LDO with Enable
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com