Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0723-060 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-0723-060
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0723-060 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0723-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0723-060 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Pulse-width distortion (PWD) is
the difference between tPHL and
tPHL and often determines the
maximum data rate capability of
a transmission system. PWD can
be expressed in percent by
dividing the PWD (in ns) by the
minimum pulse width (in ns)
being transmitted. Typically,
PWD on the order of 20-30% of
the minimum pulse width is
tolerable.
Propagation delay skew, tPSK, is
an important parameter to
consider in parallel data applica-
tions where synchronization of
signals on parallel data lines is a
concern. If the parallel data is
being sent through a group of
optocouplers, differences in
propagation delays will cause the
data to arrive at the outputs of
the optocouplers at different
times. If this difference in
propagation delay is large enough
it will determine the maximum
rate at which parallel data can be
sent through the optocouplers.
Propagation delay skew is defined
as the difference between the
minimum and maximum
propagation delays, either tPLH or
tPHL, for any given group of
optocouplers which are operating
under the same conditions (i.e.,
the same drive current, supply
voltage, output load, and
operating temperature). As
illustrated in Figure 4, if the
inputs of a group of optocouplers
are switched either ON or OFF at
the same time, tPSK is the
difference between the shortest
propagation delay, either tPLH or
tPHL, and the longest propagation
delay, either tPLH or tPHL.
As mentioned earlier, tPSK can
determine the maximum parallel
data transmission rate. Figure 5
is the timing diagram of a typical
parallel data application with
both the clock and data lines
being sent through the
optocouplers. The figure shows
data and clock signals at the
inputs and outputs of the
optocouplers. In this case the
data is assumed to be clocked off
of the rising edge of the clock.
Propagation delay skew
represents the uncertainty of
where an edge might be after
being sent through an
optocoupler. Figure 5 shows that
there will be uncertainty in both
the data and clock lines. It is
important that these two areas of
uncertainty not overlap,
otherwise the clock signal might
arrive before all of the data
outputs have settled, or some of
the data outputs may start to
change before the clock signal
has arrived. From these
considerations, the absolute
minimum pulse width that can be
sent through optocouplers in a
parallel application is twice tPSK.
A cautious design should use a
slightly longer pulse width to
ensure that any additional
uncertainty in the rest of the
circuit does not cause a problem.
The HCPL-7723/0723
optocouplers offer the advantage
of guaranteed specifications for
propagation delays, pulse-width
distortion, and propagation delay
skew over the recommended
temperature and power supply
ranges.
Figure 4. Timing diagram to illustrate propagation delay skew, tpsk.
50%
50%
tPSK
VI
VO
VI
VO
2.5 V,
CMOS
2.5 V,
CMOS
DATA
INPUTS
CLOCK
DATA
OUTPUTS
CLOCK
tPSK
tPSK
Figure 5. Parallel data transmission example.


Similar Part No. - HCPL-0723-060

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-060 AVAGO-HCPL-0723-060 Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0723-060E AVAGO-HCPL-0723-060E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results

Similar Description - HCPL-0723-060

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0723-000E AVAGO-HCPL-0723-000E Datasheet
196Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-7723 AVAGO-HCPL-7723 Datasheet
229Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com