Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE28F320B3TC90 Datasheet(PDF) 25 Page - Intel Corporation

Part # GE28F320B3TC90
Description  3 Volt Advanced Boot Block Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F320B3TC90 Datasheet(HTML) 25 Page - Intel Corporation

Back Button GE28F320B3TC90 Datasheet HTML 21Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 22Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 23Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 24Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 25Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 26Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 27Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 28Page - Intel Corporation GE28F320B3TC90 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
3UHOLPLQDU\
19
4.2
Operating Conditions
NOTES:
1. VCC1, VCCQ1, and VPP3 must share the same supply when all three are between 2.7 V and 3.6 V.
2. VCCMax is 3.3 V on 0.25µm 32-Mbit devices.
3. During read operations or idle time, 5 V may be applied to VPP indefinitely. VPP must be at valid levels for
program and erase operations
4. Applying VPP = 11.4 V–12.6 V during a program/erase can only be done for a maximum of 1000 cycles on
the main blocks and 2500 cycles on the parameter blocks. VPP may be connected to 12 V for a total of
80 hours maximum. See Section 3.4 for details.
4.3
Capacitance
TA = 25 °C, f = 1 MHz
NOTE: Sampled, not 100% tested.
Symbol
Parameter
Notes
Min
Max
Units
TA
Operating Temperature
–40
+85
°C
VCC1
VCC Supply Voltage
1, 2
2.7
3.6
Volts
VCC2
2.7
2.85
VCC3
2.7
3.3
VCCQ1
I/O Supply Voltage
12.7
3.6
Volts
VCCQ2
1.65
2.5
VCCQ3
1.8
2.5
VPP1
Program and Erase Voltage
12.7
3.6
Volts
VPP2
2.7
2.85
VPP3
2.7
3.3
VPP4
3, 4
11.4
12.6
Cycling
Block Erase Cycling
4
100,000
Cycles
Sym
Parameter
Notes
Typ
Max
Units
Conditions
CIN
Input Capacitance
1
6
8
pF
VIN = 0 V
COUT
Output Capacitance
1
10
12
pF
VOUT = 0 V


Similar Part No. - GE28F320B3TC90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F320C3BA70 INTEL-GE28F320C3BA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3BC70 INTEL-GE28F320C3BC70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3BC90 INTEL-GE28F320C3BC90 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3BD70 INTEL-GE28F320C3BD70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
GE28F320C3TA70 INTEL-GE28F320C3TA70 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
More results

Similar Description - GE28F320B3TC90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
   Advanced Boot Block Flash
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com