Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G02 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G02
Description  DUAL 2-INPUT POSITIVE-NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G02 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC2G02 Datasheet HTML 1Page - Texas Instruments SN74AUC2G02 Datasheet HTML 2Page - Texas Instruments SN74AUC2G02 Datasheet HTML 3Page - Texas Instruments SN74AUC2G02 Datasheet HTML 4Page - Texas Instruments SN74AUC2G02 Datasheet HTML 5Page - Texas Instruments SN74AUC2G02 Datasheet HTML 6Page - Texas Instruments SN74AUC2G02 Datasheet HTML 7Page - Texas Instruments SN74AUC2G02 Datasheet HTML 8Page - Texas Instruments SN74AUC2G02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1A
1B
2Y
GND
VCC
1Y
2B
2A
4
3
2
1
5
6
7
8
GND
2Y
1B
1A
2A
2B
1Y
VCC
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74AUC2G02
DUAL 2-INPUT POSITIVE-NOR GATE
SCES441A – MAY 2003 – REVISED MARCH 2005
Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
Optimized for 1.8-V Operation and Is 3.6-V I/O
Tolerant to Support Mixed-Mode Signal
Operation
Ioff Supports Partial-Power-Down Mode
Operation
Sub-1-V Operable
Max tpd of 1.8 ns at 1.8 V
Low Power Consumption, 10
µA at 1.8 V
±8-mA Output Drive at 1.8 V
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This dual 2-input positive-NOR gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to
1.95-V VCC operation.
The SN74AUC2G02 performs the Boolean function Y = A + B or Y = A
⋅ B in positive logic.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
Tape and reel
SN74AUC2G02YEPR
0.23-mm Large Bump – YEP
_ _ _UB_
NanoFree™ – WCSP (DSBGA)
Tape and reel
SN74AUC2G02YZPR
–40
°C to 85°C
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Tape and reel
SN74AUC2G02DCTR
U02_
VSSOP – DCU
Tape and reel
SN74AUC2G02DCUR
U02_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC2G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02DCTR TI-SN74AUC2G02DCTR Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02DCTRE4 TI-SN74AUC2G02DCTRE4 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02DCTRG4 TI-SN74AUC2G02DCTRG4 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02DCUR TI-SN74AUC2G02DCUR Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUC2G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com