Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1DU064NDFB-0QC00 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # MC1DU064NDFB-0QC00
Description  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU064NDFB-0QC00 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button MC1DU064NDFB-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 11Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 12Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 13Page - Samsung semiconductor MC1DU064NDFB-0QC00 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
MultiMediaCard
TM
10
2.6.7 Data Protection in the Flash Card
Every sector is protected with an Error Correction Code (ECC). The ECC is generated (in the memory
card) when the sectors are written and validated when the data is read. If defects are found, the data is
corrected prior to transmission to the host.
The MultiMediaCard can be considered error free and no additional data protection is needed.
However, if an application uses additional, external, ECC protection, the data organization is defined in
the user writeable section of the CSD register
2.6.8 Erase
The smallest erasable unit in the MultiMediaCard is a erase group. In order to speed up the erase
procedure, multiple erase groups can be erased in the same time. The erase operation is divided into
two stages.
Tagging - Selecting the Sectors for Erasing
To facilitate selection, a first command with the starting address is followed by a second command with
the final address, and all erase groups within this range will be selected for erase.
Erasing - Starting the Erase Process
Tagging can address erase groups. An arbitrary selection of erase groups may be erased at one time.
Tagging and erasing must follow a strict command sequence (refer to the MultiMediaCard standard
specification for details).
2.6.9 Write Protection
The MultiMediaCard erase groups are grouped into write protection groups. Commands are provided
for limiting and enabling write and erase privileges for each group individually. The current write protect
map can be read using SEND_WRITE_PROT command.
In addition two, permanent and temporary, card levels write protection options are available.
Both can be set using the PROGRAM_CSD command (see below). The permanent write protect bit,
once set, cannot be cleared.
The One Time Programmable (OTP) characteristic of the permanent write protect bit is implemented in
the MultiMediaCard controller firmware and not with a physical OTP cell.
2.6.10 Copy Bit
The content of an MultiMediaCard can be marked as an original or a copy using the copy bit in the
CSD register. Once the Copy bit is set (marked as a copy) it cannot be cleared.
The Copy bit of the MultiMediaCard is programmed (during test and formatting on the manufacturing
floor) as a copy. The MultiMediaCard can be purchased with the copy bit set (copy) or cleared,
indicating the card is a master.
The One Time Programmable (OTP) characteristic of the Copy bit is implemented in the
MultiMediaCard controller firmware and not with a physical OTP cell.
2.6.11 The CSD Register
All the configuration information of the MultiMediaCard is stored in the CSD register. The MSB bytes of
the register contain manufacturer data and the two least significant bytes contains the host controlled
data - the card Copy and write protection and the user ECC register.


Similar Part No. - MC1DU064NDFB-0QC00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Similar Description - MC1DU064NDFB-0QC00

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com