Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2047AD Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2047AD
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2047AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2047AD Datasheet HTML 5Page - Texas Instruments TPS2047AD Datasheet HTML 6Page - Texas Instruments TPS2047AD Datasheet HTML 7Page - Texas Instruments TPS2047AD Datasheet HTML 8Page - Texas Instruments TPS2047AD Datasheet HTML 9Page - Texas Instruments TPS2047AD Datasheet HTML 10Page - Texas Instruments TPS2047AD Datasheet HTML 11Page - Texas Instruments TPS2047AD Datasheet HTML 12Page - Texas Instruments TPS2047AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TPS2045A, TPS2046A, TPS2047A, TPS2048A
TPS2055A, TPS2056A, TPS2057A, TPS2058A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS251A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI(IN) (see Note 1)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(OUT) (see Note 1)
–0.3 V to VI(IN) + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI(ENx) or VI(ENx)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(OUT)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
0
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (ESD) protection: Human body model MIL-STD-883C
2 kV
. . . . . . . . . . . . . . . . . . . . .
Machine model
0.2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D–8
725 mW
5.9 mW/
°C
464 mW
377 mW
D–16
1123 mW
9 mW/
°C
719 mW
584 mW
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
Input voltage, VI(EN) or VI(EN)
0
5.5
V
Continuous output current, IO(OUT) (per switch)
0
250
mA
Operating virtual junction temperature, TJ
0
125
°C


Similar Part No. - TPS2047AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047A TI1-TPS2047A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI1-TPS2047A_14 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2047AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com