Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1073-27VCH Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1073-27VCH
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073-27VCH Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1073-27VCH Datasheet HTML 2Page - Microchip Technology TC1073-27VCH Datasheet HTML 3Page - Microchip Technology TC1073-27VCH Datasheet HTML 4Page - Microchip Technology TC1073-27VCH Datasheet HTML 5Page - Microchip Technology TC1073-27VCH Datasheet HTML 6Page - Microchip Technology TC1073-27VCH Datasheet HTML 7Page - Microchip Technology TC1073-27VCH Datasheet HTML 8Page - Microchip Technology TC1073-27VCH Datasheet HTML 9Page - Microchip Technology TC1073-27VCH Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC1072/TC1073
DS21354B-page 6
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1072 and TC1073 are precision fixed output
voltage regulators. (If an adjustable version is desired,
please see the TC1070/TC1071/TC1187 data sheet.)
Unlike bipolar regulators, the TC1072 and TC1073’s
supply current does not increase with load current. In
addition, VOUT remains stable and within regulation
over the entire 0mA to IOUTMAX load current range, (an
important consideration in RTC and CMOS RAM
battery back-up applications).
Figure 3-1 shows a typical application circuit. The
regulator is enabled any time the shutdown input
(SHDN)isatorabove VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate, or I/O port of a
microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While
in shutdown, supply current decreases to 0.05
µA
(typical), VOUT falls to zero volts, and ERROR is open-
circuited.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
ERROR Open Drain Output
ERROR is driven low whenever VOUT falls out of
regulation by more than – 5% (typical). This condition
may be caused by low input voltage, output current
limiting, or thermal limiting. The ERROR output voltage
value (e.g. ERROR =VOL at 4.75V (typ.) for a 5.0V
regulator and 2.85V (typ.) for a 3.0V regulator).
ERROR output operation is shown in Figure 3-2.
Note that ERROR is active when VOUT falls to VTH,and
inactive when VOUT rises above VTH by VHYS.
As shown in Figure 3-1, ERROR canbeusedasa
battery low flag, or as a processor RESET signal (with
the addition of timing capacitor C2). R1 x C2 should be
chosen to maintain ERROR below VIH of the processor
RESET input for at least 200 msec to allow time for the
system to stabilize. Pull-up resistor R1 can be tied to
VOUT,VIN or any other voltage less than (VIN +0.3V).
FIGURE 3-2:
ERROR OUTPUT
OPERATION
3.2
Output Capacitor
A1
µF(min) capacitor from VOUT to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
Ω and less
than 5.0
Ω, and a resonant frequency above 1MHz. A
1
µF capacitor should be connected from VIN to GND if
there is more than 10 inches of wire between the
regulator and the AC filter capacitor, or if a battery is
used as the power source. Aluminum electrolytic or
tantalum capacitor types can be used. (Since many
aluminum electrolytic capacitors freeze at approxi-
mately -30°C, solid tantalums are recommended for
applications operating below -25°C.) When operating
from
sources
other
than
batteries,
supply-noise
rejection and transient response can be improved by
increasing the value of the input and output capacitors
and employing passive filtering techniques.
3.3
Bypass Input
A 470pF capacitor connected from the Bypass input to
ground
reduces
noise
present
on
the
internal
reference, which in turn significantly reduces output
noise. If output noise is not a concern, this input may be
left unconnected. Larger capacitor values may be
used, but results in a longer time period to rated output
voltage when power is initially applied.
TC1072
TC1073
VOUT
SHDN
GND
ERROR
1
µF
C1
+
VIN
VOUT
Shutdown Control
(to CMOS Logic or Tie
to VIN if unused)
1
µF
+
Battery
+
0.2
µF
C2
C2 Required Only
if ERROR is used as a
Processor RESET Signal
(See Text)
R1
1M
V+
BATTLOW
or RESET
Bypass
C3, 470pF
VTH
VOUT
ERROR
VIH
VOL
HYSTERESIS (VH)


Similar Part No. - TC1073-27VCH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1073-2.5VCH713 MICROCHIP-TC1073-2.5VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-2.6VCH713 MICROCHIP-TC1073-2.6VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-2.7VCH713 MICROCHIP-TC1073-2.7VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results

Similar Description - TC1073-27VCH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com