Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ624 Datasheet(PDF) 4 Page - NEC

Part # 2SJ624
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ624 Datasheet(HTML) 4 Page - NEC

  2SJ624 Datasheet HTML 1Page - NEC 2SJ624 Datasheet HTML 2Page - NEC 2SJ624 Datasheet HTML 3Page - NEC 2SJ624 Datasheet HTML 4Page - NEC 2SJ624 Datasheet HTML 5Page - NEC 2SJ624 Datasheet HTML 6Page - NEC 2SJ624 Datasheet HTML 7Page - NEC 2SJ624 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D15890EJ1V0DS
4
2SJ624
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
-4
-8
-12
-16
-20
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
Pulsed
−2.5 V
VGS =
−4.5 V
−1.8 V
VDS - Drain to Source Voltage - V
-0.0001
-0.001
-0.01
-0.1
-1
-10
-100
0
-0.4
-0.8
-1.2
-1.6
-2
-2.4
VDS =
−10 V
Pulsed
TA = 125°C
75°C
25°C
−25°C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
-0.2
-0.4
-0.6
-0.8
-1
-50
0
50
100
150
VDS =
−10 V
ID =
−1.0 mA
Tch - Channel Temperature -
°C
0.1
1
10
100
-0.01
-0.1
-1
-10
VDS =
−10 V
Pulsed
TA =
−25°C
25°C
75°C
125°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
20
40
60
80
100
-50
0
50
100
150
Pulsed
VGS =
−1.8 V, ID = −1.5 A
VGS =
−4.5 V, ID = −2.5 A
VGS =
−2.5 V, ID = −2.5 A
Tch - Channel Temperature - °C
20
40
60
80
100
0
-2-4-6-8
Pulsed
ID =
−2.5 A
VGS - Gate to Source Voltage - V


Similar Part No. - 2SJ624

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ624 RENESAS-2SJ624 Datasheet
205Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
2SJ624-T1B-A RENESAS-2SJ624-T1B-A Datasheet
211Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
2SJ624-T1B-A VBSEMI-2SJ624-T1B-A Datasheet
814Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ624 RENESAS-2SJ624_15 Datasheet
206Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Similar Description - 2SJ624

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com