Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2057ADRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2057ADRG4
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2057ADRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2057ADRG4 Datasheet HTML 4Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 5Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 6Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 7Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 8Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 9Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 10Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 11Page - Texas Instruments TPS2057ADRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS2045A, TPS2046A, TPS2047A, TPS2048A
TPS2055A, TPS2056A, TPS2057A, TPS2058A
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS251A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
power switch
The power switch is an N-channel MOSFET with a maximum on-state resistance of 135 m
Ω (VI(IN) = 5 V).
Configured as a high-side switch, the power switch prevents current flow from OUT to IN and IN to OUT when
disabled. The power switch supplies a minimum of 250 mA per switch.
charge pump
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
very little supply current.
driver
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and
fall times of the output voltage. The rise and fall times are typically in the 2-ms to 4-ms range.
enable (ENx, ENx)
The logic enable disables the power switch and the bias for the charge pump, driver, and other circuitry to reduce
the supply current. The supply current is reduced to less than 10
µA on the single and dual devices (20 µA on
the triple and quad devices) when a logic high is present on ENx (TPS204xA) or a logic low is present on ENx
(TPS205xA). A logic zero input on ENx or a logic high on ENx restores bias to the drive and control circuits
and turns the power on. The enable input is compatible with both TTL and CMOS logic levels.
overcurrent (OCx)
The OCx open-drain output is asserted (active low) when an overcurrent or overtemperature condition is
encountered. The output will remain asserted until the overcurrent or overtemperature condition is removed.
current sense
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into
its saturation region, which switches the output into a constant-current mode and holds the current constant
while varying the voltage on the load.
thermal sense
The TPS204xA and TPS205xA implement a dual-threshold thermal trip to allow fully independent operation of
the power distribution switches. In an overcurrent or short-circuit condition the junction temperature rises. When
the die temperature rises to approximately 140
°C, the internal thermal sense circuitry checks to determine which
power switch is in an overcurrent condition and turns off that switch, thus isolating the fault without interrupting
operation of the adjacent power switch. Hysteresis is built into the thermal sense, and after the device has cooled
approximately 20 degrees, the switch turns back on. The switch continues to cycle off and on until the fault is
removed. The (OCx) open-drain output is asserted (active low) when overtemperature or overcurrent occurs.
undervoltage lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.
† Product series designations TPS204x and TPS205x refer to devices presented in this data sheet and not necessarily to other TI devices
numbered in this sequence.


Similar Part No. - TPS2057ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2057ADR TI1-TPS2057ADR Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2057ADRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com