Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC809N40PUBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC809N40PUBG
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC809N40PUBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC809N40PUBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC809N40PUBG Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC809/AIC810
3-Pin Microprocessor Reset Circuits
Analog Integrations Corporation
Si-Soft Research Center
DS-809P-02 010405
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Ultra Low Supply Current 1
µA(typ.)
Guaranteed Reset Valid to Vcc=0.9V
Available in Three Output Type: Open-Drain
Active Low (AIC809N), Push-Pull Active Low
(AIC809), Push-Pull Active High (AIC810)
140ms Min. Power-On Reset Pulse Width
Internally Fixed Threshold 2.3V, 2.6V, 2.9V,
3.1V, 4.0V, 4.4V, 4.6V
Tight Voltage Threshold Tolerance: 1.5%
Tiny Package in SOT-23
APPLICATIONS
Notebook Computers
Digital Still Cameras
PDAs
Critical Microprocessor Monitoring
DESCRIPTION
AIC809/AIC810 are low-power microprocessor (µP)
supervisory circuits used to monitor power supplies in
µP and digital systems. They provide applications with
benefits of circuit reliability and low cost by eliminating
external components.
These devices perform as valid singles in applications
with Vcc ranging from 6.0V down to 0.9V. The reset
signal lasts for a minimum period of 140ms whenever
VCC supply voltage falls below preset threshold. Both
AIC809 and AIC810 were designed with a reset
comparator to help identify invalid signals, which last
less than 140ms. The only difference between them is
that they have an active-low
RESET output and
active-high RESET output, respectively.
Low supply current (1
µA) makes AIC809/AIC810 ideal
for portable equipment. The devices are
available in
SOT-23 package.
TYPICAL APPLICATION CIRCUIT
Push-Pull Output
VCC
VCC
GND
GND
µP
RESET
INPUT
RESET
(RESET)
VCC
AIC809
(AIC810)


Similar Part No. - AIC809N40PUBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23CVBG AIC-AIC811-23CVBG Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23CVTR AIC-AIC811-23CVTR Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23PVBG AIC-AIC811-23PVBG Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
AIC811-23PVTR AIC-AIC811-23PVTR Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
More results

Similar Description - AIC809N40PUBG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com