Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5333B Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5333B
Description  High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5333B Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5333B Datasheet HTML 3Page - Fairchild Semiconductor FAN5333B Datasheet HTML 4Page - Fairchild Semiconductor FAN5333B Datasheet HTML 5Page - Fairchild Semiconductor FAN5333B Datasheet HTML 6Page - Fairchild Semiconductor FAN5333B Datasheet HTML 7Page - Fairchild Semiconductor FAN5333B Datasheet HTML 8Page - Fairchild Semiconductor FAN5333B Datasheet HTML 9Page - Fairchild Semiconductor FAN5333B Datasheet HTML 10Page - Fairchild Semiconductor FAN5333B Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
FAN5333A/FAN5333B Rev. 1.0.1
Block Diagram
Figure 4. Block Diagram
Circuit Description
The FAN5333A/FAN5333B is a pulse-width modulated (PWM)
current-mode
boost
converter.
The
FAN5333A/FAN5333B
improves the performance of battery powered equipment by signif-
icantly minimizing the spectral distribution of noise at the input
caused by the switching action of the regulator. In order to facilitate
effective noise filtering, the switching frequency was chosen to be
high, 1.5MHz. The device architecture is that of a current mode
controller with an internal sense resistor connected in series
with the N-channel switch. The voltage at the feedback pin
tracks the output voltage at the cathode of the external Schottky
diode (shown in the test circuit). The error amplifier amplifies the
difference between the feedback voltage and the internal band-
gap reference. The amplified error voltage serves as a refer-
ence voltage to the PWM comparator. The inverting input of the
PWM comparator consists of the sum of two components: the
amplified control signal received from the 30m
Ω current sense
resistor and the ramp generator voltage derived from the oscilla-
tor. The oscillator sets the latch, and the latch turns on the FET
switch. Under normal operating conditions, the PWM compara-
tor resets the latch and turns off the FET, thus terminating the
pulse. Since the comparator input contains information about
the output voltage and the control loop is arranged to form a
negative feedback loop, the value of the peak inductor current
will be adjusted to maintain regulation.
Every time the latch is reset, the FET is turned off and the cur-
rent flow through the switch is terminated. The latch can be
reset by other events as well. Over-current condition is moni-
tored by the current limit comparator which resets the latch and
turns off the switch instantaneously within each clock cycle.
Over-Voltage Protection
The voltage on the feedback pin is sensed by an OVP Compar-
ator. When the feedback voltage is 15% higher than the nominal
voltage, the OVP Comparator stops switching of the power tran-
sistor, thus preventing the output voltage from going higher.
Open-circuit protection
As in any current regulator, if the feedback loop is open, the out-
put voltage increases until it is limited by some additional exter-
nal circuitry. In the particular case of the FAN5333, the output
voltage is limited by the switching transistor breakdown at
around 45V, typically (assuming that COUT and the Schottky
diode rating voltage are higher). Since at such high output volt-
age the output current is inherently limited by the discontinuous
conduction mode, in most cases, the switching transistor enters
non-destructive breakdown and the IC survives.
However, to ensure 100% protection for LED disconnection, we
recommend limiting VOUT with an external Zener diode or stop-
ping the boost switching with an external voltage supervisory
circuit.
Applications Information
Setting the Output Current
The internal reference (VREF) is 110mV (Typical) for FAN5333A
and 315mV (Typical) for FAN5333B. The output current is set by
a resistor divider R connected between FB pin and ground. The
output current is given by
Reference
Oscillator
n
FB
FB
Amp
Driver
Comp
-
-
+
+
S
Ramp
Generator
R
R
R
Q
S
Current Limit
Comparator
30m
1.15 x VREF
Shutdown
Circuitry
Thermal
Shutdown
SHDN
GND
SW
VIN
Amp
Error
45
1
2
3
+
Over
Voltage
Comp
+
-
-
+
-
I
LED
V
FB
R
----------
=


Similar Part No. - FAN5333B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5333B ONSEMI-FAN5333B Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
More results

Similar Description - FAN5333B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com