Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6271ACR-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6271ACR-T
Description  Integrated XScale Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6271ACR-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6271ACR-T Datasheet HTML 4Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 5Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 6Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 7Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 8Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 9Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 10Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 11Page - Intersil Corporation ISL6271ACR-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN9171.1
Operational Description
Initialization
Upon application of input power to the ISL6271A, the power
good signal (PGOOD) will switch from low to high after four
conditions are met - (1) VCC exceeds the power on reset
“rising threshold”, (2) the EN pin is high and (3) the LDO
input voltage (LVCC) is greater than 1.6V, (4) All three
outputs are in regulation. Figure 16 illustrates this start-up
sequence. The outputs are powered on under a soft-start
regime with the core output voltage defaulting to 1.3V
(unless under VID control) and the LDOs at their fixed output
levels. Once the outputs are in regulation, the ISL6271A will
respond to a voltage change command via the I2C bus.
When under VID control (VIDEN = HI), the Vout will rise to a
value set by VID pins. The slew rate is always fixed by the
soft-start capacitor.
Core Regulator Output
The ISL6271A core regulator is a synchronous buck
regulator that employs an Intersil proprietary switch-mode
topology known as Synthetic Ripple Regulation (SRR). The
SRR architecture is a derivative of the conventional
hysteretic-mode regulator without the inherent noise
sensitivities and dependence on output capacitance ESR.
The topology achieves excellent transient response and high
efficiency over the entire operating load range. Output
voltage ripple is typically under 5mV in Continuous
Conduction Mode (CCM) and under 10mV in DCM (diode
emulation). The output core voltage is derived from the main
battery pack (typically a single cell Li-ion battery) and is
programmable in 50mV steps between 0.85 and 1.6V. The
output regulator set-point is controlled by an on-chip DAC
which receives its input either from the I2C bus or the VID
input pins (VID0-VID3). Table 1 identifies the VID code
states and corresponding output voltage. To minimize core
voltage over-shoot and under-shoot between code states,
the ISL6271A implements programmable, voltage slew rate
control via the I2C bus. The slew rate is a function of the data
in the slew rate control register and also the soft-start
capacitor; the slew rates in Table 2 assume a soft-start
capacitor value of 10nF. Once the regulator has initialized,
the IC can be placed in a low quiescent state by pulling low
the EN pin. The regulator ‘remembers’ the last programmed
voltage level and slew rate after each subsequent EN cycle,
and return to the previous set-point once EN is brought high.
TABLE 1. VOLTAGE-SET COMMAND BITS
I2C DATA BYTE OR VID PINS
NOMINAL
OUTPUT
MSB
D3D2D1
LSB
D0
XXXX
0000
0.850
XXXX
0001
0.900
XXXX
0010
0.950
XXXX
0011
1.000
XXXX
0100
1.050
XXXX
0101
1.100
XXXX
0110
1.150
XXXX
0111
1.200
XXXX
1000
1.250
XXXX
1001
1.300
XXXX
1010
1.350
XXXX
1011
1.400
XXXX
1100
1.450
XXXX
1101
1.500
XXXX
1110
1.550
XXXX
1111
1.600
FIGURE 16. SYSTEM TIMIMG DIAGRAM
VCC
BFLT#
EN
VOUT
PGOOD
1.3V
1.0V
VPLL, VSRAM
SYSTEM TIMING
2.8V TYP.
RISING POR
THRESHOLD
2.6V TYP.
FALLING POR
THRESHOLD
SOFT-START
SLEW RATE
I2C PROGRAMMABLE
SLEW RATE
Data transferred to the
reference DAC on the
rising edge of SCL
during the ACK bit
I2C, SCL
ISL6271A


Similar Part No. - ISL6271ACR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
   Integrated XScale Regulator
August 10, 2015
logo
Renesas Technology Corp
ISL6271ACRZ RENESAS-ISL6271ACRZ Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intersil Corporation
ISL6271ACRZ-T INTERSIL-ISL6271ACRZ-T Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6271ACR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6271ACRZ INTERSIL-ISL6271ACRZ Datasheet
592Kb / 17P
   Integrated XScale Regulator
August 10, 2015
logo
Renesas Technology Corp
ISL6271A RENESAS-ISL6271A Datasheet
941Kb / 17P
   Integrated XScale Regulator
logo
Intel Corporation
81348 INTEL-81348 Datasheet
948Kb / 89P
   Two Integrated Intel XScale processors
logo
Silicon Laboratories
SL28PCIE25 SILABS-SL28PCIE25 Datasheet
419Kb / 17P
   Integrated voltage regulator
logo
Texas Instruments
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
[Old version datasheet]   Integrated Switching Regulator
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
logo
Advantech Co., Ltd.
APAX-5520CE ADVANTECH-APAX-5520CE Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
logo
Micrel Semiconductor
MIC24085 MICREL-MIC24085 Datasheet
1Mb / 16P
   Integrated FET Buck Regulator
logo
NTE Electronics
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com