Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3018-30ST Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM3018-30ST
Description  Micropower, 150mA Low Noise CMOS Regulator with Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3018-30ST Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM3018-30ST Datasheet HTML 3Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 4Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 5Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 6Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 7Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 8Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 9Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 10Page - California Micro Devices Corp CM3018-30ST Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
07/29/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
11
CM3018
PRELIMINARY
Mechanical Details
CSP Mechanical Specifications
CM3018CS/CP devices are packaged in a custom
Chip Scale Package (CSP) with OptiGuardTM coating.
Dimensions are presented below. For complete infor-
mation on CSP packaging, see the California Micro
Devices CSP Package Information document.
Custom 5-Bump Chip Scale Package
CSP Tape and Reel Specifications
Figure 1. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
5
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
0.961
1.006
1.051
0.0378
0.0396
0.0414
A2
1.418
1.463
1.508
0.0558
0.0576
0.0594
B1
0.495
0.500
0.505
0.0195
0.0197
0.0199
B2
0.245
0.250
0.255
0.0096
0.0098
0.0100
B3
0.430
0.435
0.440
0.0169
0.0171
0.0173
B4
0.430
0.435
0.440
0.0169
0.0171
0.0173
C1
0.203
0.253
0.303
0.0080
0.0100
0.0119
C2
0.247
0.297
0.347
0.0097
0.0117
0.0136
D1
0.600
0.670
0.739
0.0236
0.0264
0.0291
D2
0.394
0.445
0.495
0.0155
0.0175
0.0195
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
B
C
12
C1
B1
A1
0.30 DIA.
63/37 Sn/Pb
SOLDER BUMPS
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
3
B2
OptiGuardTM
Coating
PART
NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P0
P1
CM3018
1.463 X 1.006 X 0.670
1.67 X 1.17 X 0.730
8mm
178mm (7")
3500
4mm
4mm
Top
For Tape Feeder Reference
Cover
Tape
P1
Only including Draft.
Concentric Around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM3018-30ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3018-30ST

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com