Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C4096-20JCN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C4096-20JCN
Description  5V/3.3V 512K X8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096-20JCN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C4096-20JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096-20JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2005
Copyright © Alliance Semiconductor. All rights reserved.
AS7C4096
AS7C34096
5V/3.3V 512K × 8 CMOS SRAM
®
1/13/05; v.1.9
Alliance Semiconductor
P. 1 of 9
Features
• AS7C4096 (5V version)
• AS7C34096 (3.3V version)
• Industrial and commercial temperature
• Organization: 524,288 words × 8 bits
• Center power and ground pins
• High speed
- 10/12/15/20 ns address access time
- 5/6/7/8 ns output enable access time
• Low power consumption: ACTIVE
- 1375 mW (AS7C4096) / max @ 12 ns
- 576 mW (AS7C34096) / max @ 10 ns
• Low power consumption: STANDBY
- 110 mW (AS7C4096) / max CMOS
- 72 mW (AS7C34096) / max CMOS
• Equal access and cycle times
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packages
- 400 mil 36-pin SOJ
- 44-pin TSOP 2
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 100 mA
Logic block diagram
524,288 × 8
Array
(4,194,304)
Input buffer
I/O8
I/O1
OE
CE
WE
Column decoder
Control
Circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
A9
Pin arrangement
s
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A15
OE
I/O8
I/O7
GND
VCC
I/O6
I/O5
A14
A13
A12
A11
A10
NC
A0
A1
A2
A3
A4
CE
I/O1
I/O2
VCC
GND
I/O3
I/O4
WE
A5
A6
A7
17
18
A8
A9
36
35
34
33
NC
A18
A17
A16
GND
VCC
I/O6
I/O5
NC
A14
A13
A12
A11
A10
A4
CE
I/O1
I/O2
VCC
GND
I/O3
I/O4
WE
A5
A6
A7
A8
A9
I/O8
I/O7
A1
A2
A3
A0
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
A16
A15
A17
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
2
3
4
1
NC
NC
NC
NC
NC
NC
NC
NC
NC
OE
A18
36-pin SOJ (400 mil)
44-pin TSOP 2
Selection guide
–10
–12
–15
–20
Unit
Maximum address access time
10
12
15
20
ns
Maximum outputenable access time
5
6
7
8
ns
Maximum operating current
AS7C4096
250
220
180
mA
AS7C34096
160
130
110
100
mA
Maximum CMOS standby current
AS7C4096
20
20
20
mA
AS7C34096
20
20
20
20
mA


Similar Part No. - AS7C4096-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JC ALSC-AS7C4096A-10JC Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JCN ALSC-AS7C4096A-10JCN Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JI ALSC-AS7C4096A-10JI Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
AS7C4096A-10JIN ALSC-AS7C4096A-10JIN Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C4096-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
STMicroelectronics
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com