Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34096-20JCN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C34096-20JCN
Description  5V/3.3V 512K X8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096-20JCN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C34096-20JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
AS7C4096
AS7C34096
1/13/05; v.1.9
Alliance Semiconductor
P. 4 of 9
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CE, OE controlled)3,6,8,9
Read cycle (over the operating range)3,9
Parameter
Symbo
l
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
12–
15
–20–
ns
Address access time
tAA
–10–
12
–15
20
ns
3
Chip enable (CE) access time
tACE
–10–
12
–15
20
ns
3
Output enable (OE) access time
tOE
–5–6
–7–8
ns
Output hold from address change
tOH
3–3–
3–3–
ns
5
CE Low to output in low Z
tCLZ
3–3–
0–0–
ns
4, 5
CE High to output in high Z
tCHZ
–5–6
–7–9
ns
4, 5
OE Low to output in low Z
tOLZ
0–0–
0–0–
ns
4, 5
OE High to output in high Z
tOHZ
–5–6
–7–9
ns
4, 5
Power up time
tPU
0–0–
0–0–
ns
4, 5
Power down time
tPD
–10–
12
–15
20
ns
4, 5
Undefined/don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
current
Supply
OE
DOUT
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid
tRC1
CE


Similar Part No. - AS7C34096-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JC ALSC-AS7C34096A-10JC Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JCN ALSC-AS7C34096A-10JCN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JI ALSC-AS7C34096A-10JI Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JIN ALSC-AS7C34096A-10JIN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C34096-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
STMicroelectronics
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com