Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34096-20TCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C34096-20TCN
Description  5V/3.3V 512K X8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096-20TCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C34096-20TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
AS7C4096
AS7C34096
1/13/05; v.1.9
Alliance Semiconductor
P. 5 of 9
Write waveform 1 (WE controlled)10,11
Write waveform 2 (CE controlled)10,11
Write cycle (over the operating range)11
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10–12–
15–20–
ns
Chip enable (CE) to write end
tCW
7
8
10–12–
ns
Address setup to write end
tAW
7
8
10–12–
ns
Address setup time
tAS
0–0
–0–
0–
ns
Write pulse width (OE = high)
tWP1
7
8
10–12–
ns
Write pulse width (OE = low
tWP2
10–12–
15–20–
ns
Address hold from end of write
tAH
0–0
–0–
0–
ns
Write recovery time
tWR
0–0
–0–
0–
ns
Data valid to write end
tDW
5–6
–7–
9–
ns
Data hold time
tDH
0–0
–0–
0–
ns
4, 5
Write enable to output in high Z
tWZ
050
607
09
ns
4, 5
Output active from write end
tOW
3–3
–3–
3–
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR
tAW
Address
CE
WE
DOUT
tCW
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
Data valid
DIN
tWR


Similar Part No. - AS7C34096-20TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JC ALSC-AS7C34096A-10JC Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JCN ALSC-AS7C34096A-10JCN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JI ALSC-AS7C34096A-10JI Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JIN ALSC-AS7C34096A-10JIN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C34096-20TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
STMicroelectronics
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com