Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34096-20TCN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C34096-20TCN
Description  5V/3.3V 512K X8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096-20TCN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C34096-20TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096-20TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
AS7C4096
AS7C34096
1/13/05; v.1.9
Alliance Semiconductor
P. 7 of 9
Typical DC and AC characteristics 12
Supply voltage (V)
MIN
MAX
NOMINAL
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
Ambient temperature (
°C)
–55
80
125
35
–10
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
vs. ambient temperature Ta
vs. supply voltage VCC
ICC
ISB
ICC
ISB
Ambient temperature (
°C)
–55
80
125
35
–10
0.2
1
0.04
5
25
625
Normalized supply current ISB1
vs. ambient temperature Ta
VCC = VCC(NOMINAL)
Supply voltage (V)
MIN
MAX
NOMINAL
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Ambient temperature (
°C)
–55
80
125
35
–10
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Cycle frequency (MHz)
075
100
50
25
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC
vs. ambient temperature Ta
vs. cycle frequency 1/tRC, 1/tWC
vs. supply voltage VCC
VCC = VCC(NOMINAL)
VCC = VCC(NOMINAL)
Ta = 25° C
Ta = 25° C
Output voltage (V)
VCC
0
20
60
80
40
100
120
140
Output source current IOH
Output voltage (V)
VCC
Output sink current IOL
vs. output voltage VOL
vs. output voltage VOH
0
20
60
80
40
100
120
140
Capacitance (pF)
0
750
1000
500
250
0
5
15
20
10
25
30
35
Typical access time change
∆tAA
vs. output capacitive loading
00
VCC = VCC(NOMINAL)
VCC = VCC(NOMINAL)
VCC = VCC(NOMINAL)
Ta = 25° C
Ta = 25° C


Similar Part No. - AS7C34096-20TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JC ALSC-AS7C34096A-10JC Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JCN ALSC-AS7C34096A-10JCN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JI ALSC-AS7C34096A-10JI Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JIN ALSC-AS7C34096A-10JIN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C34096-20TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
STMicroelectronics
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com