Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3018-30CP Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM3018-30CP
Description  Micropower, 150mA Low Noise CMOS Regulator with Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3018-30CP Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM3018-30CP Datasheet HTML 2Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 3Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 4Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 5Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 6Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 7Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 8Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 9Page - California Micro Devices Corp CM3018-30CP Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
07/29/04
CM3018
PRELIMINARY
Performance Information
Typical Noise Characteristics
Curves shown for CM3018-33, 3.3V output unless noted otherwise
Power Supply Ripple Rejection
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency [Hz]
10mA
Vin = 4.3V, Vout = 3.3V
Cout = 10uF cer.
Cbyp = 10nF
150mA
1mA
100uA
Power Supply Ripple Rejection
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency [Hz]
10mA
Vin = 4.3V, Vout = 3.3V
Cout = 1uF cer.
Cbyp = 10nF
150mA
1mA
100uA
Power Supply Ripple Rejection
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
Frequency [Hz]
10mA
1mA
100uA
150mA
Vin = 4.3V, Vout = 3.3V
Cout = 1uF cer.
NO Byp cap
Noise Performance
1.E-08
1.E-07
1.E-06
1.E-05
100
1000
10000
100000
frequency [Hz]
Vin = 4.8V, Vout = 3.3V
Cout = 1uF cer.
Cbyp = 10nF
100uA load
Noise Performance
1.E-08
1.E-07
1.E-06
1.E-05
100
1000
10000
100000
frequency [Hz]
Vin = 4.8V Vout = 3.3V
Cout = 10uF cer.
Cbyp = 10nF
100uA load


Similar Part No. - CM3018-30CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3018-30CP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
   Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC9193 FUMAN-SC9193 Datasheet
534Kb / 11P
   150mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com