Electronic Components Datasheet Search |
|
AS7C34096-12JIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation |
|
AS7C34096-12JIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation |
6 / 9 page ® AS7C4096 AS7C34096 1/13/05; v.1.9 Alliance Semiconductor P. 6 of 9 AC test conditions Notes 1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification. 2 This parameter is sampled, but not 100% tested. 3 For test conditions, see AC Test Conditions. 4tCLZ and tCHZ are specified with CL = 5pF as in Figure C. Transition is measured ±500 mV from steady-state voltage. 5 This parameter is guaranteed, but not tested. 6WE is HIGH for read cycle. 7CE and OE are LOW for read cycle. 8 Address valid prior to or coincident with CE transition Low. 9 All read cycle timings are referenced from the last valid address to the first transitioning address. 10 CE or WE must be HIGH during address transitions. Either CE or WE asserting high terminates a write cycle. 11 All write cycle timings are referenced from the last valid address to the first transitioning address. 12 Not applicable. 13 C = 30pF, except at high Z and low Z parameters, where C = 5pF. 350 Ω C13 320 Ω DOUT GND +3.3V Figure C: 3.3V Output load - Output load: see Figure B or Figure C. - Input pulse level: GND to 3.0V. See Figures A, B, and C. - Input rise and fall times: 2 ns. See Figure A. - Input and output timing reference levels: 1.5V. 168 Ω Thevenin equivalent: DOUT +1.728V 255 Ω C13 480 Ω DOUT GND +5V Figure B: 5V Output load 10% 90% 10% 90% GND +3.0V Figure A: Input pulse 2 ns |
Similar Part No. - AS7C34096-12JIN |
|
Similar Description - AS7C34096-12JIN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |