Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-315-XXXE Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-315-XXXE
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315-XXXE Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-315-XXXE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
IEC/EN/DIN EN 60747-5-2
Insulation Characteristics
Description
Symbol
HCPL-3150#060
HCPL-315J**
Unit
Installation classification per DIN VDE
0110/1.89, Table 1
for rated mains voltage
≤ 150 Vrms
I-IV
for rated mains voltage
≤ 300 Vrms
I-IV
I-III
for rated mains voltage
≤ 600 Vrms
I-III
I-II
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
891
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production
Test with tm = 1 sec,
VPR
1181
1670
Vpeak
Partial discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and Sample
Test, tm = 60 sec,
VPR
945
1336
Vpeak
Partial discharge < 5 pC
Highest Allowable Overvoltage*
VIOTM
6000
6000
Vpeak
(Transient Overvoltage tini = 10 sec)
Safety-Limiting Values – Maximum Values
Allowed in the Event of a Failure, Also
See Figure 37, Thermal Derating Curve.
Case Temperature
TS
175
175
°C
Input Current
IS, INPUT
230
400
mA
Output Power
PS, OUTPUT
600
1200
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
≥ 109
**Approval Pending.
*Refer to the front of the optocoupler section of the current Catalog, under Product Safety Regulations section IEC/EN/DIN EN
60747-5-2, for a detailed description of Method a and Method b partial discharge test profiles.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits
in application.


Similar Part No. - HCPL-315-XXXE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Similar Description - HCPL-315-XXXE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com