Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616-10K Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IS61LV25616-10K
Description  256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV25616-10K Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IS61LV25616-10K Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 9Page - Integrated Circuit Solution Inc IS61LV25616-10K Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IS61LV25616
10
Integrated Circuit Solution Inc.
SR040-0C
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IS61LV25616-8T
400mil TSOP-2
IS61LV25616-8K
400mil SOJ
IS61LV25616-8B
6*8mm TF-BGA
10
IS61LV25616-10T
400mil TSOP-2
IS61LV25616-10K
400mil SOJ
IS61LV25616-10B
6*8mm TF-BGA
12
IS61LV25616-12T
400mil TSOP-2
IS61LV25616-12K
400mil SOJ
IS61LV25616-12B
6*8mm TF-BGA
15
IS61LV25616-15T
400mil TSOP-2
IS61LV25616-15K
400mil SOJ
IS61LV25616-15B
6*8mm TF-BGA
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IS61LV25616-8TI
400mil TSOP-2
IS61LV25616-8KI
400mil SOJ
IS61LV25616-8BI
6*8mm TF-BGA
10
IS61LV25616-10TI 400mil TSOP-2
IS61LV25616-10KI 400mil SOJ
IS61LV25616-10BI 6*8mm TF-BGA
12
IS61LV25616-12TI 400mil TSOP-2
IS61LV25616-12KI 400mil SOJ
IS61LV25616-12BI 6*8mm TF-BGA
15
IS61LV25616-15TI 400mil TSOP-2
IS61LV25616-15KI 400mil SOJ
IS61LV25616-15BI 6*8mm TF-BGA
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IS61LV25616-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616-10K ISSI-IS61LV25616-10K Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616-10K ISSI-IS61LV25616-10K Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616-10KI ISSI-IS61LV25616-10KI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616-10KI ISSI-IS61LV25616-10KI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-10K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com