Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83CE598FHB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83CE598FHB
Description  8-bit microcontroller with on-chip CAN
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE598FHB Datasheet(HTML) 3 Page - NXP Semiconductors

  P83CE598FHB Datasheet HTML 1Page - NXP Semiconductors P83CE598FHB Datasheet HTML 2Page - NXP Semiconductors P83CE598FHB Datasheet HTML 3Page - NXP Semiconductors P83CE598FHB Datasheet HTML 4Page - NXP Semiconductors P83CE598FHB Datasheet HTML 5Page - NXP Semiconductors P83CE598FHB Datasheet HTML 6Page - NXP Semiconductors P83CE598FHB Datasheet HTML 7Page - NXP Semiconductors P83CE598FHB Datasheet HTML 8Page - NXP Semiconductors P83CE598FHB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
1996 Jun 27
3
Philips Semiconductors
Product specification
8-bit microcontroller with on-chip CAN
P8xCE598
1
FEATURES
• 80C51 central processing unit (CPU)
• 32 kbytes on-chip ROM,
externally expandible to 64 kbytes
• 2 × 256 bytes on-chip RAM,
externally expandible to 64 kbytes
• Two standard 16-bit timers/counters
• One additional 16-bit timer/counter coupled to four
capture and three compare registers
• 10-bit ADC with 8 multiplexed analog inputs
• Two 8-bit resolution Pulse Width Modulated outputs
• 15 interrupt sources with 2 priority levels
(2 to 6 external interrupt sources possible)
• Five 8-bit I/O ports, plus one 8-bit input port shared with
analog inputs
• CAN-controller (CAN = Controller Area Network)
with DMA data transfer facility to internal RAM
• 1 Mbit/s CAN-controller with bus failure management
facility
12AVDD reference voltage
• Full-duplex UART compatible with the standard 80C51
• On-chip Watchdog Timer (WDT)
• 1.2 to 16 MHz clock frequency
• Improved Electromagnetic Compatibility (EMC).
2
GENERAL DESCRIPTION
The P8xCE598 is a single-chip 8-bit high-performance
microcontroller with on-chip CAN-controller, derived from
the 80C51 microcontroller family.
It uses the powerful 80C51 instruction set.
Figure 1 shows a block diagram of the P8xCE598.
The P8xCE598 is manufactured in an advanced CMOS
process, and is designed for use in automotive and
general industrial applications. In addition to the 80C51
standard features, the device provides a number of
dedicated hardware functions for these applications.
Two versions of the P8xCE598 will be offered:
• P80CE598 (without ROM)
• P83CE598 (with ROM)
Hereafter these versions will be referred to as P8xCE598.
The temperature range includes (max. fCLK = 16 MHz):
•−40 to +85 °C version, for general applications
•−40 to +125 °C version for automotive applications.
The P8xCE598 combines the functions of P8XC552
(microcontroller) and the PCA82C200 (Philips
CAN-controller) with the following enhanced features:
• 32 kbytes Program Memory
• 2 × 256 bytes Data Memory
• DMA between CAN Transmit/Receive Buffer and
internal RAM.
The main differences to the P8xC552 microcontroller are:
• 32 kbytes programmable ROM (P8xC552 has 8 kbytes)
• Additional 256 bytes RAM
• A CAN-controller instead of the I2C-serial interface.
2.1
Electromagnetic Compatibility (EMC)
Primary attention is paid to the reduction of
electromagnetic emission of the microcontroller
P8xCE598. The following features reduce the
electromagnetic emission and additionally improve the
electromagnetic susceptibility:
• One analog part power supply pin (AVDD) and one
analog part ground pin (AVSS), placed as a pair of pins
on one side of the package (see Fig.3), providing power
supply (+5V) and ground for ADC, CAN receiver and
reference voltage.
• Four digital part supply voltage pins (VDD1 to VDD4) and
four digital part ground pins (VSS1 to VSS4) are provided
on the package. These pins, one VDD and one VSS as a
pair of pins are placed on each of the four sides of the
package to provide:
–VDD1/VSS1 for internal logic (CPU, Timers/counters,
Memory, CAN, UART, ADC)
–VDD2/VSS2 for Port 1, Port 3 and Port 4, and PWM0
and PWM1 outputs
–VDD3/VSS3 for the on-chip oscillator
–VDD4/VSS4 for the Port 0, Port 2, ALE output and
PSEN output.
• External capacitors should be connected across
associated VDDx and VSSx pins (i.e. VDD1 and VSS1).
Lead length should be as short as possible. Ceramic
chip capacitors are recommended (100 nF).
• One CAN supply voltage pin (CVDD) and one CAN
ground pin (CVSS) as a pair of pins placed on one side
of the package providing (digital part) power supply
(+5V) and ground for the CAN transmitter outputs.
• Internal decoupling capacitance improves the EMC
radiation behaviour and the EMC immunity.


Similar Part No. - P83CE598FHB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CE598FHB NXP-P83CE598FHB Datasheet
513Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
More results

Similar Description - P83CE598FHB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XCE598 NXP-P8XCE598 Datasheet
513Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 PHILIPS-P8XC592 Datasheet
459Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 NXP-P8XC592 Datasheet
504Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC591 PHILIPS-P8XC591 Datasheet
601Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
80C851 PHILIPS-80C851 Datasheet
182Kb / 22P
   CMOS single-chip 8-bit microcontroller with on-chip EEPROM
1998 Jul 03
P89C66X PHILIPS-P89C66X Datasheet
24Kb / 6P
   On-chip Flash 8-bit microcontroller Errata Sheet
2001 Nov 01
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com