Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3514D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3514D
Description  PC POWER-SUPPLY SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3514D Datasheet(HTML) 3 Page - Texas Instruments

  TPS3514D Datasheet HTML 1Page - Texas Instruments TPS3514D Datasheet HTML 2Page - Texas Instruments TPS3514D Datasheet HTML 3Page - Texas Instruments TPS3514D Datasheet HTML 4Page - Texas Instruments TPS3514D Datasheet HTML 5Page - Texas Instruments TPS3514D Datasheet HTML 6Page - Texas Instruments TPS3514D Datasheet HTML 7Page - Texas Instruments TPS3514D Datasheet HTML 8Page - Texas Instruments TPS3514D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPS3514
SLVS422A – JULY 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Limits apply over operating free-temperature range, TA = –40°C to +85°C, unless otherwise noted.
PARAMETER
CONDITIONS
TPS3514
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OVER–VOLTAGE AND OVER-CURRENT PROTECTION
Over–Voltage Threshold
VS33
3.7
3.9
4.1
V
VS5
5.7
6.1
6.5
V
VS12
13.2
13.8
14.4
V
Ratio of Current Sense Sink Current to Current
Sense Setting Pin (RI) Source Current, I(REF) C
Resistor at RI = 30k
Ω, 0.1% Resistor
7.6
8
8.4
Leakage Current (FPO)llkg
V(FPO) = 5V
5
µA
Low-Level Output Voltage (FPO)VOL
I(SINK) = 20mA, VDD = 5V
0.7
V
Noise Deglitch Time (OVP)
VDD = 5V
35
73
110
µs
Current Source Reference Voltage
V(RI)
VDD = 5V
1.1
1.15
1.2
V
UNDER–VOLTAGE LOCKOUT
Start Threshold Voltage
4.45
V
Minimum Operating Voltage After Start–Up
3.65
V
PGI AND PGO
Input Threshold
VIT(PGI)
0.99 x typ
1.15
1.01 x typ
V
Under-Voltage Threshold
VS33
2
2.2
2.4
V
VS5
3.3
3.5
3.7
V
VS12
8.5
9
9.5
V
Input Offset Voltage for OCP Comparators
–5
5
mV
Leakage Current (PGO)
llkg
PGO = 5V
5
µA
Low-Level Output Voltage (PGO)
VOL
I(SINK) = 10mA, VDD = 4.5V
0.4
V
Short-Circuit Protection Delay
3.3V, 5V
49
75
114
ms
Delay Time
td(1)
PGI to PGO
VDD = 5V
200
300
450
ms
PGI to FPO
VDD = 5V
3.2
4.8
7.2
ms
Noise Deglitch Time
PGI to PGO
VDD = 5V
88
150
225
ms
12V UVP to FPO
VDD = 5V
88
150
225
ms
PSON CONTROL
Input Pull-Up Current
II
PSON = 0V
–120
µA
High-Level Input Voltage
VIH
2.4
V
Low-Level Input Voltage
VIL
1.2
V
Debounce Time (PSON)t(b)
VDD = 5V
24
38
50
ms
Delay Time (PSON to FPO)t(d)(2)
VDD = 5V
tb + 1.1
tb + 2.3
tb + 4
ms
TOTAL DEVICE
Supply Current
IDD
PSON = 5V
1
mA


Similar Part No. - TPS3514D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI1-TPS3510 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI-TPS3510D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DG4 TI1-TPS3510DG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3514D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com