Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60243DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60243DGKR
Description  170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60243DGKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS60243DGKR Datasheet HTML 1Page - Texas Instruments TPS60243DGKR Datasheet HTML 2Page - Texas Instruments TPS60243DGKR Datasheet HTML 3Page - Texas Instruments TPS60243DGKR Datasheet HTML 4Page - Texas Instruments TPS60243DGKR Datasheet HTML 5Page - Texas Instruments TPS60243DGKR Datasheet HTML 6Page - Texas Instruments TPS60243DGKR Datasheet HTML 7Page - Texas Instruments TPS60243DGKR Datasheet HTML 8Page - Texas Instruments TPS60243DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPS60240, TPS60241
TPS60242, TPS60243
SLVS372B – JUNE 2001 – REVISED JANUARY 2002
170-
µVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST
CONVERTER FOR VCO SUPPLY
(3,05 mm x 4,98 mm)
Actual Size
1
www.ti.com
FEATURES
D Wide Input Voltage Range:
– 1.8 V To 5.5 V for 2.7-V, 3-V, 3.3-V Output
(TPS60240/2/3)
– 2.7 V To 5.5 V for 5-V Output (TPS60241)
D 170-µVrms Zero Ripple Output:
– at 20 Hz to 10 MHz Bandwidth
D Minimum Number of External Components
– No Inductors
– Only Small Ceramic Chip Capacitors
D Up to 90% Efficiency
D Regulated 3.3-V (TPS60240), 5-V (TPS60241),
3-V (TPS60243), and 2.7-V (TPS60242) Output
Voltage With
±2.5% Accuracy Over Load
D Up to 25-mA Output Current
D Shutdown Mode: 0.1 µA Typical
D Thermal Protection and Current Limit
D Microsmall 8-Pin MSOP Package
D EVM Available TPS60241EVM-194
APPLICATIONS
D VCO and PLL Power for:
– PDA Phones
– Cellular Phones
– PCMCIA Modems
D Smartcard Readers
D Digital Cameras
D MP3 Players
D SIM Modules
D Electronic Games
D Memory Backup
D Handheld Meters
D Bias Supplies
DESCRIPTION
The TPS6024x is a switched capacitor voltage
converter, ideally suited for VCO and PLL applications
that require low noise and tight tolerances. Its dual-cap
design uses four ceramic capacitors to provide ultralow
output ripple yet high efficiency, while eliminating the
need for inefficient linear regulators.
A wide input supply voltage range of 2.7 V to 5.5 V
makes the TPS6024x ideal for lithium-based battery
applications. The TPS60240/2/3 operates down to
1.8 V, supporting a 3.3-V, 2.7-V, 3-V output from
two-cell, nickel- or alkaline-based chemistries. The
devices work equally well for low EMI dc/dc step-up
conversion without the need for an inductor. The high
switching frequency (typical 160 kHz) promotes the use
of small surface-mount capacitors, saving board space.
The converter’s shutdown mode conserves battery
energy.
typical application circuit
TPS60241
VIN
C1
1
µF
C2
1
µF
C1+
C1–
GND
VOUT
C2+
C2–
EN
CI
1
µF
GND
3.3 V
5 V
CO
1
µF
VCO
VCC
GND
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPS60243DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60243DGKR TI1-TPS60243DGKR Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results

Similar Description - TPS60243DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com