Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI350-4804NS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCI350-4804NS
Description  350 Watt CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCI350-4804NS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCI350-4804NS Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI350-4804NS Datasheet HTML 2Page - List of Unclassifed Manufacturers PCI350-4804NS Datasheet HTML 3Page - List of Unclassifed Manufacturers PCI350-4804NS Datasheet HTML 4Page - List of Unclassifed Manufacturers PCI350-4804NS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Output Voltage/Current Options ... 5V/40A, 3.3V/25A, +12V/9A, -12V/2A
5V/50A, 3.3V/25A, +12V/9A, -12V/2A
3.3V/50A, 5V/20A, +12V/9A, -12V/2A
3.3V/60A, 5V/20A, +12V/9A, -12V/2A
Output Power........................................... DC Input:
350 Watts max
AC Input:
350 Watts max 105-264 Vac
300 Watts max 90-105 Vac
Input Voltage/Current ......................... AC: 100-240 Vac (90-264 Vac tolerant range), 47-63Hz,
6 A max, single phase
DC: 48 Vdc (40-72 Vdc tolerant range), 12 A max
Power Factor............................................. 0.99 typical
Inrush Current.......................................... AC: 40A max
DC: 15A max
Efficiency .................................................... DC input: 75% min
AC input: 65% min
Efficiency increases with line voltage
Holdup Time ............................................. 20 msec min. from input power failure until FAIL# signal
drops, at full load and 90-264 Vac
AC Fail Warning....................................... 5 msec min.continued operation after FAIL# signal drops
Paralleling.................................................. Any number of power supplies can be operated in
parallel and will share 3.3V/5V/+12V current to within
10%. Remote Sense must be used when paralleling
with current sharing
Redundant/Hot Swap........................... Full power N+1 redundant and hot-swap
Remote Sense........................................... Compensates for up to 0.25V total distribution voltage
drop on the 3.3V/5V/+12V outputs
Line/Load Regulation........................... 1% max. over input range and 0-100% load except
-12V output which is ±10%
Minimum Load......................................... None required
Ripple/Noise ............................................. 50 mV max. for all outputs, peak-to-peak, DC to 20 MHz
with coaxial probe and 0.1uF/22uF capacitors at the
connector
Overshoot/Undershoot ....................... None at turn-on or turn-off
Turn-on Time ............................................ 1 sec max. from power up. All output voltages come
up within 10 msec of each other.
Over-Voltage ............................................ Shutdown at 130% of nominal Vout. Recycle power to
reset
Over-Temperature................................. Shutdown upon internal heatsink temperatures
exceeding limits. Recycle power to reset
Current Limiting ..................................... All outputs protected against overload and short circuit.
Straight-line current limiting, does not fold-back or latch-
up during startup or load transients. Automatic recovery
Safety. .......................................................... UL, cUL, and CB report UL1950 and EN60950
EMC ............................................................... Emissions below EN55022 class A and EN61000-3-2, 3.
Immunity to EN61000-4-2, 4, 5
Input Fuse. ................................................. Internal fusing included
Output Isolation...................................... All outputs and control signals are SELV circuits
referenced to GND with reinforced insulation to the AC
primary. GND should be connected to chassis ground
in the system.
Leakage Current ..................................... 1.0 mA max. at 240 Vac
Dielectric Strength................................. AC: 2200 Vdc from input to chassis ground
DC: 500 Vdc from input to chassis ground
Indicators ................................................... Green LED indicating INPUT OK
Red LED indicating a power supply FAULT
Connector .................................................. Positronic part no. PCI38M400A1
Mating connector part no. PCI38F300A1
Cooling ........................................................ 15 cfm/400 lfm forced air required through power
supply cooling fins and enclosure
Operating Temperature...................... -20°C to 50°C operating temperature with specified air
flow. Derate output power with reduced airflow
conditions (consult factory)
Storage Temperature........................... -40°C to 85°C
Shock/Vibration ...................................... Ruggedized construction
350 Watt CompactPCI Power Supply
PCI 350
TracewellPower
Note: Specifications subject to change without notice
* If the input is below approx. 20 V, the FAULT LED will not illuminate
** Typically, only the ouptut exhibiting the fault conditions will be off
Condition
Power Supply
On/Off
Input OK LED
Fault LED
FAIL #
ON
ON
OFF
OPEN
OFF
ON
ON
LOW
OFF
ON
ON
LOW
OFF
ON
ON
LOW
OFF
OFF
ON*
LOW
OFF
ON
ON
LOW
OFF**
ON
ON
LOW
OFF**
ON
ON
LOW
OFF**
ON
ON
LOW
PCI 350 Status Indications
www.tracewellpower.com
1.800.811.1480
phone
614.847.9336
fax
614.847.9316
567 Enterprise Drive
Westerville, Ohio 43081
EN# low, Inputs/Outputs OK
INH# signal low
INH# high, EN# high
Inhibit switch depressed
Low AC or DC input
Internal over-temperature
Output under-voltage
Output over-voltage
Ouput short circuit


Similar Part No. - PCI350-4804NS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI30 ALLIED-PCI30 Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-100M-RC ALLIED-PCI30-100M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-101M-RC ALLIED-PCI30-101M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-150M-RC ALLIED-PCI30-150M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-151M-RC ALLIED-PCI30-151M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
More results

Similar Description - PCI350-4804NS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX350 CANDD-DNX350 Datasheet
448Kb / 4P
   350 WATT DC/DC POWER SUPPLY
NX350 CANDD-NX350 Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
logo
TRACO Electronic AG
TXL350 TRACOPOWER-TXL350 Datasheet
369Kb / 4P
   AC/DC Enclosed Power Supply TXL 350 Series, 350 Watt
Rev. June 29, 2021
logo
Murata Power Solutions ...
CF350-A48C MURATA-PS-CF350-A48C Datasheet
126Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A24C MURATA-PS-CF350-A24C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A12C MURATA-PS-CF350-A12C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
logo
CINCON ELECTRONICS Corp...
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
   350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
logo
Murata Manufacturing Co...
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Advantech Co., Ltd.
MIC-3956 ADVANTECH-MIC-3956 Datasheet
612Kb / 2P
   3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com