Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3114 Datasheet(PDF) 5 Page - NEC

Part # 2SK3114
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3114 Datasheet(HTML) 5 Page - NEC

  2SK3114 Datasheet HTML 1Page - NEC 2SK3114 Datasheet HTML 2Page - NEC 2SK3114 Datasheet HTML 3Page - NEC 2SK3114 Datasheet HTML 4Page - NEC 2SK3114 Datasheet HTML 5Page - NEC 2SK3114 Datasheet HTML 6Page - NEC 2SK3114 Datasheet HTML 7Page - NEC 2SK3114 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D13337EJ2V0DS
5
2SK3114
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
50
150
2.0
0
0
100
-50
Tch - Channel Temperature - ˚C
3.0
1.0
VGS = 10 V
Pulsed
4.0
2.0 A
ID = 4.0 A
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
1.5
1.0
0.5
0
100
10
1.0
0.1
Pulsed
0 V
VGS = 10 V
100
10
1
0.1
10 000
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
1 000
100
10
1
VGS = 0 V
f = 1 MHZ
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
0.1
1
10
ID - Drain Current - A
100
10
1
0.1
VDD = 150 V
VGS = 10 V
RG = 10
9
td(off)
td(on)
tf
tr
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0.1
1
10
0.01
ID - Drain Current - A
10 000
1 000
100
10
di/dt = 50 A/
mS
VGS = 0 V
Qg - Gate Charge - nC
08
412
16
600
400
200
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
16
14
12
10
8
6
4
2
0
VGS
VDS
ID = 4 A
VDD = 450 V
300 V
150 V


Similar Part No. - 2SK3114

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3114 VBSEMI-2SK3114 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3114 ISC-2SK3114 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3114 RENESAS-2SK3114 Datasheet
258Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
VBsemi Electronics Co.,...
2SK3114B VBSEMI-2SK3114B Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3114B RENESAS-2SK3114B Datasheet
334Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK3114

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com