Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3404-ZK Datasheet(PDF) 5 Page - NEC

Part # 2SK3404-ZK
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3404-ZK Datasheet(HTML) 5 Page - NEC

  2SK3404-ZK Datasheet HTML 1Page - NEC 2SK3404-ZK Datasheet HTML 2Page - NEC 2SK3404-ZK Datasheet HTML 3Page - NEC 2SK3404-ZK Datasheet HTML 4Page - NEC 2SK3404-ZK Datasheet HTML 5Page - NEC 2SK3404-ZK Datasheet HTML 6Page - NEC 2SK3404-ZK Datasheet HTML 7Page - NEC 2SK3404-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14638EJ2V0DS
5
2SK3404
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
040
20
60
100
140
80
120
160
0
20
40
60
80
100
TC - Case Temperature - ˚C
0
0
80
20
40
60
100
140
120
160
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
10
20
30
40
50
FORWARD BIAS SAFE OPERATING AREA
1
10
100
0.1
VDS - Drain to Source Voltage - V
100
1000
10
1
Po
wer
Dissipation
Limited
100
µ
s
10
ms
300
µ
s
1 ms
3 ms
PW
=
10
µs
DC
ID(DC)
ID(pulse)
TC = 25˚C
Single Pulse
R
DS(on)
Limited
(@V
GS
=
10
V)
PW - Pulse Width - sec
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
10
100
Rth(ch-C) = 3.13˚C/W
µ
µ
Rth(ch-A) = 83.3˚C/W
5


Similar Part No. - 2SK3404-ZK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3404-ZK RENESAS-2SK3404-ZK Datasheet
203Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3404-ZK

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com