Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3456-S Datasheet(PDF) 4 Page - NEC

Part # 2SK3456-S
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3456-S Datasheet(HTML) 4 Page - NEC

  2SK3456-S Datasheet HTML 1Page - NEC 2SK3456-S Datasheet HTML 2Page - NEC 2SK3456-S Datasheet HTML 3Page - NEC 2SK3456-S Datasheet HTML 4Page - NEC 2SK3456-S Datasheet HTML 5Page - NEC 2SK3456-S Datasheet HTML 6Page - NEC 2SK3456-S Datasheet HTML 7Page - NEC 2SK3456-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14753EJ1V0DS
4
2SK3456
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
1.6
1.4
1.2
1.0
0.6
0.4
0.2
0
0
50
100
150
0.8
12 A
ID = 6.0 A
VGS = 10 V
Pulsed
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
0.01
0
0.1
1
10
0.5
1.0
1.5
100
VGS = 10 V
0 V
Pulsed
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.1
100
1000
10000
1
0.1
10
1
10
1000
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
0.1
1
0.1
1000
100
10
100
VDD = 150 V
VGS = 10 V
RG = 10
tf
tr
td(on)
td(off)
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
ID - Drain Current - A
0.1
10
1
1
10
100
100
1000
10000
di/dt = 50 A/ s
VGS = 0 V
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
5
101520253035
200
400
600
2
4
6
8
0
0
0
10
12
ID = 12 A
VDS
VDD = 400 V
250 V
125 V
VGS


Similar Part No. - 2SK3456-S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3456-S RENESAS-2SK3456-S Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3456-S

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com