Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ES8FP Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. ES8FP
Description  Surface Mount Superfast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES8FP Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES8FP Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES8FP Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES8FP Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ratings at TA = 25°C unless otherwise specified
SMP Molded plastic body
Plated leads solderable per MIL-STD-750,
Method 2026
260℃/10 seconds
Polarity: Cathode line denotes the cathode end
Any
Symbol
ES
8AP ES8BP ES8DP ES8FP ES8GP ES8JP
Units
VRRM
50
100
200
300
400
600
V
VRMS
35
70
140
210
280
420
V
VDC
50
100
200
300
400
600
V
IF(AV)
A
Peak forward surge current,8.3ms
single half-sine-wave,
@TJ = 25°C
IFSM
A
I2t
A2sec
Maximum instantaneous forward
voltage
@ 8A
VF
1.7
V
Trr
nS
@TA =25°C
@TA =125°C
TJ
°C
TSTG
°C
Storage temperature range
- 55 ---- + 150
Operating junction temperature range
- 55 ---- + 150
Maximum reverse recovery time
35
Maximum Reverse current
Rated VR
IR
10
μ A
250
200
Rating for fusing(t<8.3ms)
166.0
0.95
1.3
Characteristic
Peak repetitive reverse voltage
RMS reverse voltage
DC blocking voltage
Maximum average forward output current
8
Low profile package
Ideal for automated placement
Glass passivated chip junction
High forward surge capability
Super fast reverse recovery time
ES8AP-ES8JP
Surface Mount Superfast Rectifiers
SMP
http://www.trr-jx.com
version: 02


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn