Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB2012T4R7M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CB2012T4R7M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB2012T4R7M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CB2012T4R7M Datasheet HTML 1Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 2Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 3Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 4Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 5Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2012T4R7M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
189
5
G
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CBL2012 TYPE
4.7
45
0.69
275
490
10
M
20%
32
1.09
205
370
0.1
47
11
5.08
100
140
12
※一般的な小型パワーチョークコイルの定格電流としては上表の定格電流1を参考にして下さい。
※定格電流2は、DC/DCコンバータの突入電流のような、瞬時であれば通電可能な電流値です。
  自動復帰回路等を備え、半連続的に5分間以上、大電流が通電する様な回路でご利用される場合には弊社営業に御相談下さい。
 定格電流1:公称インダクタンスの–30Lを保証する電流値
 定格電流2:通電した時に部品温度がΔTW40C以内であることを保証する電流値(インダクタンス値を保証する電流ではありません)
※For rated current of ordinary small power choke coils, please refer to the rated current 1 in the above table.
※Rated current 2 is the current for instantaneous flow such as plunging current of DC/DC converter.
  In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc.,
  please contact our sales section before practical application.
 Rated current 1 : Current value to guarantee –30L of nominal inductance
 Rated current 2 : Current value to guarantee component temperature within ΔTW40C with current flow.
          ( It is not the current to guarantee the inductance value.)
G
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CBC2518 TYPE
1.0
100
0.08
1000
1200
2.2
68
0.13
890
1100
7.96
4.7
M
20%
41
0.20
680
920
10.00
30
0.36
480
680
22.00
19
0.77
320
460
2.52
47.00
12
1.90
240
290
12
G
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CBC3225 TYPE
10.00
M
20%
8
0.2
700
760
0.1
12
CB C2518T 1R0M
CB C2518T 2R2M
CB C2518T 4R7M
CB C2518T 1 00M
CB C2518T 2 20M
CB C2518T 4 70M
CB C3225T 1 00M
CB L 2012T 4R7M
CB L 2012T 1 00M
CB L 2012T 4 70M
アイテム一覧 PART NUMBERS


Similar Part No. - CB2012T4R7M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2012T4R7M TAIYO-YUDEN-CB2012T4R7M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CB2012T4R7M TAIYO-YUDEN-CB2012T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T4R7M TAIYO-YUDEN-CB2012T4R7M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2012T4R7M8 TAIYO-YUDEN-CB2012T4R7M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2012T4R7MV TAIYO-YUDEN-CB2012T4R7MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CB2012T4R7M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com