Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ8138A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IZ8138A
Description  5.1V 12V REGULATOR WITH DISABLE AND RESET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IZ8138A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IZ8138A Datasheet HTML 1Page - List of Unclassifed Manufacturers IZ8138A Datasheet HTML 2Page - List of Unclassifed Manufacturers IZ8138A Datasheet HTML 3Page - List of Unclassifed Manufacturers IZ8138A Datasheet HTML 4Page - List of Unclassifed Manufacturers IZ8138A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ILA8138A
5
INTEGRAL
CHIP PAD DIAGRAM
Location of marking (mm): left lower corner x=0.100, y=1.854.
Chip thickness: 0.35
± 0.02 mm.
PAD LOCATION
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
GND
0.105
0.740
0.18 x 0.18
02
-
0.105
0.425
0.18 x 0.18
03
-
0.105
0.110
0.18 x 0.18
04
OUTPUT 2
0.825
0.110
0.18 x 0.18
05
OUTPUT 1
2.110
0.110
0.18 x 0.18
06
INPUT 1
2.110
1.675
0.18 x 0.18
07
INPUT 2
0.795
1.635
0.18 x 0.18
08
-
0.505
1.605
0.18 x 0.18
09
DISABLE
0.110
1.605
0.18 x 0.18
10
-
0.105
1.385
0.10 x 0.10
11
-
0.105
1.205
0.10 x 0.10
12
-
0.105
1.025
0.10 x 0.10
Note: Pad location is given as per passivation layer
02
(0,0)
X
Y
Chip marking
8138 20
03
04
05
06
07
08
09
10
2.4 + 0.03
11
12
01


Similar Part No. - IZ8138A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ8005 INTEGRAL-IZ8005 Datasheet
234Kb / 6P
   CLINICAL THERMOMETER
IZ8016 INTEGRAL-IZ8016 Datasheet
130Kb / 4P
   3.5 DIGIT THERMOMETER
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
More results

Similar Description - IZ8138A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8138 STMICROELECTRONICS-TDA8138 Datasheet
103Kb / 6P
   5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8138A KODENSHI-KKA8138A Datasheet
102Kb / 4P
   5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
   5.1V 8V REGULATOR WITH DISABLE AND RESET
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
   DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
   DUAL 5.1V REGULATOR WITH DISABLE AND RESET
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
   DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8132 STMICROELECTRONICS-TDA8132 Datasheet
43Kb / 4P
   5.1V 12V DISABLE VOLTAGE REGULATOR
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
   5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
logo
Integral Corp.
ILA8133A INTEGRAL-ILA8133A Datasheet
93Kb / 2P
   5.1V 8V REGULATOR WITH DISABLE
logo
STMicroelectronics
TDA8136 STMICROELECTRONICS-TDA8136 Datasheet
135Kb / 5P
   DUAL 12V REGULATOR WITH DISABLE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com