Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 38 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 38 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 42Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
31
Track ID: JATR-8275-15 Rev. 1.1
Bit
Name
Type
Default Description
0.13
Speed[0]
RW
0
Speed Select Bit 0.
In forced mode, i.e., when Auto-Negotiation is disabled, bits 6 and 13
determine device speed selection.
Speed[1]
Speed[0]
Speed Enabled
1
1
Reserved
1
0
1000Mbps
0
1
100Mbps
0
0
10Mbps
0.12
ANE
RW
1
Auto-Negotiation Enable.
1: Enable Auto-Negotiation
0: Disable Auto-Negotiation
0.11
PWD
RW
0
Power Down.
1: Power down (only Management Interface and logic are active; link
is down)
0: Normal operation
0.10
Isolate
RW
0
Isolate.
1: RGMII interface is isolated; the serial management interface (MDC,
MDIO) is still active. When this bit is asserted, the
RTL8211F(I)/RTL8211FD(I) ignores TXD[3:0], and TXCTL inputs,
and presents a high impedance on TXC, RXC, RXCTL, RXD[3:0].
0: Normal operation
0.9
Restart_AN
RW, SC
0
Restart Auto-Negotiation.
1: Restart Auto-Negotiation
0: Normal operation
0.8
Duplex
RW
1
Duplex Mode.
1: Full Duplex operation
0: Half Duplex operation
This bit is valid only in force mode, i.e., NWay is disabled.
0.7
Collision Test
RW
0
Collision Test.
1: Collision test enabled
0: Normal operation
0.6
Speed[1]
RW
1
Speed Select Bit 1.
Refer to bit 0.13.
0.5
Uni-directional
enable
RW
0
Uni-Directional Enable
1: Enable packet transmit without respect to linkok status
0: Packet transmit permitted when link is established
0.4:0
RSVD
RO
00000
Reserved.
Note 1: When the RTL8211F(I)/RTL8211FD(I) is switched from power down to normal operation, a software reset and
restart auto-negotiation is performed, even if bits Reset (0.15) and Restart_AN (0.9) are not set by the user.
Note 2: Auto-Negotiation is enabled when speed is set to 1000Base-T. Crossover Detection & Auto-Correction takes
precedence over Auto-Negotiation disable (0.12=0). If ANE is disabled, speed and duplex capabilities are advertised by
0.13, 0.6, and 0.8. Otherwise, register 4.8:5 and 9.9:8 take effect.
Note 3: Auto-Negotiation automatically restarts after hardware or software reset regardless of whether or not the restart bit
(0.9) is set.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz