Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 39 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 39 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 42Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 43Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
32
Track ID: JATR-8275-15 Rev. 1.1
8.4.2.
BMSR (Basic Mode Status Register, Address 0x01)
Table 23. BMSR (Basic Mode Status Register, Address 0x01)
Bit
Name
Type
Default Description
1.15
100Base-T4
RO
0
100Base-T4 Capability.
The RTL8211F(I)/RTL8211FD(I) does not support 100Base-T4
mode. This bit should always be 0.
1.14
100Base-TX (full)
RO
1
100Base-TX Full Duplex Capability.
1: Device is able to perform 100Base-TX in full duplex mode
0: Device is not able to perform 100Base-TX in full duplex mode
1.13
100Base-TX (half)
RO
1
100Base-TX Half Duplex Capability.
1: Device is able to perform 100Base-TX in half duplex mode
0: Device is not able to perform 100Base-TX in half duplex mode
1.12
10Base-T (full)
RO
1
10Base-T Full Duplex Capability.
1: Device is able to perform 10Base-T in full duplex mode.
0: Device is not able to perform 10Base-T in full duplex mode.
1.11
10Base-T (half)
RO
1
10Base-T Half Duplex Capability.
1: Device is able to perform 10Base-T in half duplex mode
0: Device is not able to perform 10Base-T in half duplex mode
1.10
10Base-T2 (full)
RO
0
10Base-T2 Full Duplex Capability.
The RTL8211F(I)/RTL8211FD(I) does not support 10Base-T2
mode and this bit should always be 0.
1.9
10Base-T2 (half)
RO
0
10Base-T2 Half Duplex Capability.
The RTL8211F(I)/RTL8211FD(I) does not support 10Base-T2
mode. This bit should always be 0.
1.8
1000Base-T
Extended Status
RO
1
1000Base-T Extended Status Register.
1: Device supports Extended Status Register 0x0F (15)
0: Device does not support Extended Status Register 0x0F
This register is read-only and is always set to 1.
1.7
Uni-directional
ability
RO
1
Uni-directional ability.
1: PHY able to transmit from RGMII without linkok
0: PHY not able to transmit from RGMII without linkok
1.6
Preamble
Suppression
RO
1
Preamble Suppression Capability (Permanently On).
The RTL8211F(I)/RTL8211FD(I) always accepts transactions
with preamble suppressed.
1.5
Auto-Negotiation
Complete
RO
0
Auto-Negotiation Complete.
1: Auto-Negotiation process complete, and contents of registers
5, 6, 8, and 10 are valid
0: Auto-Negotiation process not complete
1.4
Remote Fault
RC, LH
0
Remote Fault.
1: Remote fault condition detected (cleared on read or by reset).
Indication or notification of remote fault from Link Partner
0: No remote fault condition detected
1.3
Auto-Negotiation
Ability
RO
1
Auto Configured Link.
1: Device is able to perform Auto-Negotiation
0: Device is not able to perform Auto-Negotiation


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz