Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 44 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 44 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 42Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 43Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 45Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 46Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 47Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 48Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
37
Track ID: JATR-8275-15 Rev. 1.1
8.4.10. GBCR (1000Base-T Control Register, Address 0x09)
Table 31. GBCR (1000Base-T Control Register, Address 0x09)
Bit
Name
Type
Default
Description
9.15:13
Test Mode
RW
0
Test Mode Select.
000: Normal Mode
001: Test Mode 1 – Transmit Jitter Test
010: Test Mode 2 – Transmit Jitter Test (MASTER mode)
011: Test Mode 3 – Transmit Jitter Test (SLAVE mode)
100: Test Mode 4 – Transmit Distortion Test
101, 110, 111: Reserved
9.12
MASTER/SLAVE Manual
Configuration Enable
RW
0
Enable Manual Master/Slave Configuration.
1: Manual MASTER/SLAVE configuration
0: Automatic MASTER/SLAVE
9.11
MASTER/SLAVE
Configuration Value
RW
0
Advertise Master/Slave Configuration Value.
1: Manual configure as MASTER
0: Manual configure as SLAVE
9.10
Port Type
RW
0
Advertise Device Type Preference.
1: Prefer multi-port device (MASTER)
0: Prefer single port device (SLAVE)
9.9
1000Base-T Full Duplex
RW
1
Advertise 1000Base-T Full-Duplex Capability.
1: Advertise
0: Do not advertise
9.8
RSVD
RW
0
Reserved.
9.7:0
RSVD
RO
0
Reserved.
Note 1: Values set in register 9.12:9 have no effect unless Auto-Negotiation is restarted (Reg0.9) or the link goes down.
Note 2: Bits 9.11 and 9.10 are ignored when bit 9.12=0.
8.4.11. GBSR (1000Base-T Status Register, Address 0x0A)
Table 32. GBSR (1000Base-T Status Register, Address 0x0A)
Bit
Name
Type
Default
Description
10.15
MASTER/SLAVE
Configuration Fault
RO, RC,
LH
0
Master/Slave Manual Configuration Fault Detected.
1: MASTER/SLAVE configuration fault detected
0: No MASTER/SLAVE configuration fault detected
10.14
MASTER/SLAVE
Configuration Resolution
RO
0
Master/Slave Configuration Result.
1: Local PHY configuration resolved to MASTER
0: Local PHY configuration resolved to SLAVE
10.13
Local Receiver Status
RO
0
Local Receiver Status.
1: Local Receiver OK
0: Local Receiver Not OK
10.12
Remote Receiver Status
RO
0
Remote Receiver Status.
1: Remote Receiver OK
0: Remote Receiver Not OK


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz