Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 47 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 47 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 43Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 45Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 46Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 47Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 48Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 49Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 50Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 51Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
40
Track ID: JATR-8275-15 Rev. 1.1
Bit
Name
Type
Default
Description
18.2
Page Received Interrupt
RW
0
1: Interrupt Enable
0: Interrupt Disable
Setting this bit to 0 only masks a page received
interrupt event in the INT interface.
Reg29 Bit2 always reflects the page received
interrupt behavior.
18.1
RSVD
RW
0
Reserved.
18.0
Auto-Negotiation Error Interrupt
RW
0
1: Interrupt Enable
0: Interrupt Disable
Setting this bit to 0 only masks an auto-negotiation
error interrupt event in the INT interface.
Reg29 Bit0 always reflects the auto-negotiation
error interrupt behavior.
8.4.16. PHYCR1 (PHY Specific Control Register 1, Address 0x18)
Table 37. PHYCR1 (PHY Specific Control Register 1, Address 0x18)
Bit
Name
Type
Default
Description
24.15:14 RSVD
RO
00
Reserved.
24.13
PHYAD_0 Enable
RW
1
1: A broadcast from MAC (A command with PHY
address = 0) is valid. MDC/MDIO will respond to this
command.
24.12:10 RSVD
RO
000
Reserved.
24.9
MDI Mode Manual Configuration
Enable
RW
0
1: Enable Manual Configuration of MDI mode
24.8
MDI Mode
RW
1
Set the MDI/MDIX mode.
1: MDI
0: MDIX
This bit will take effect only when Reg 24.9 = 1.
24.7
TX CRS Enable
RW
0
1: Assert CRS on transmit
0: Never assert CRS on transmit
24.6
PHYAD Non-zero Detect
RW
0
1: The RTL8211F(I)/RTL8211FD(I) with
PHYAD[2:0] = 000 will latch the first non-zero PHY
address as its own PHY address
24.5
RSVD
RO
0
Reserved.
24.4
Preamble Check Enable
RW
1
1: Check preamble when receiving an MDC/MDIO
command
24.3
Jabber Detection Enable
RW
1
1: Enable Jabber Detection
24.2
ALDPS Enable
RO
0
1: Enable Link Down Power Saving Mode
24.1:0
RSVD
RO
00
Reserved.
Note: The method to disable auto-crossover and force MDI or MDIX mode is as follows:
Step 1: Set Reg24 bit[9]=1 (Manual Configuration of MDI mode) and set Reg24 bit[8]=1 (MDI) or 0 (MDIX).
Step 2: Perform a PHY reset, i.e., set Reg0 bit[15]=1.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz