Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 48 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 48 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 45Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 46Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 47Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 48Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 49Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 50Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 51Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 52Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
41
Track ID: JATR-8275-15 Rev. 1.1
8.4.17. PHYCR2 (PHY Specific Control Register 2, Address 0x19)
Table 38. PHYCR2 (PHY Specific Control Register 2, Address 0x19)
Bit
Name
Type
Default
Description
25.15:12 RSVD
RO
0000
Reserved.
25.11
CLKOUT Frequency Select
RW
1
Frequency select of the CLKOUT pin clock output.
0: 25MHz
1: 125MHz
25.10:8
RSVD
RO
000
Reserved.
25.7
CLKOUT SSC Enable
RW
0
1: Enable Spread-Spectrum Clocking (SSC) on
CLKOUT output clock.
25.6:4
RSVD
RO
000
Reserved.
25.3
RXC SSC Enable
RW
0
1: Enable Spread-Spectrum Clocking (SSC) on
RXC clock output.
25.2
RSVD
RO
0
Reserved.
25.1
RXC Enable
RO
0
1: RXC clock output enabled.
25.0
CLKOUT Enable
RW
1
1: CLKOUT clock output enabled.
8.4.18. PHYSR (PHY Specific Status Register, Address 0x1A)
Table 39. PHYSR (PHY Specific Status Register, Address 0x1A)
Bit
Name
Type
Default
Description
26.15
RSVD
RO
0
Reserved.
26.14
ALDPS State
RO
0
Link Down Power Saving Mode.
1: Reflects local device entered Link Down Power Saving Mode,
i.e., cable not plugged in (reflected after 3 sec).
0: With cable plugged in
26.13
MDI Plug
RO
0
MDI Status.
1: Plugged
0: Unplugged
26.12
NWay Enable
RO
1
Auto-Negotiation (NWay) Status.
1: Enable
0: Disable
26.11
Master Mode
RO
0
Device is in Master/Slave Mode.
1: Master mode
0: Slave mode
26.10:9
RSVD
RO
00
Reserved.
26.8
EEE capability
RO
0
1: Both local and link-partner have EEE capability of current speed
26.7
Rxflow Enable
RO
0
Rx Flow Control.
1: Enable
0: Disable
26.6
Txflow Enable
RO
0
Tx Flow Control.
1: Enable
0: Disable
26.5:4
Speed
RO
00
Link Speed.
11: Reserved
10: 1000Mbps
01: 100Mbps
00: 10Mbps
26.3
Duplex
RO
0
Full/Half Duplex Mode.
1: Full duplex
0: Half duplex
26.2
Link (Real Time)
RO
0
Real Time Link Status.
1: Link OK
0: Link not OK


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz