Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 65 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 65 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 61Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 62Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 63Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 64Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 65Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 66Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 67Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 68Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 69Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
58
Track ID: JATR-8275-15 Rev. 1.1
10.3. Crystal Requirements
Table 54. Crystal Requirements
Symbol
Description/Condition
Minimum
Typical
Maximum
Unit
Fref
Parallel Resonant Crystal Reference Frequency,
Fundamental Mode, AT-Cut Type.
-
25
-
MHz
Fref Tolerance
Parallel Resonant Crystal Frequency Tolerance,
Fundamental Mode, AT-Cut Type. Ta=0°C~70°C.
-50
-
+50
ppm
Fref Duty Cycle
Reference Clock Input Duty Cycle.
40
-
60
%
ESR
Equivalent Series Resistance.
-
-
50
DL
Drive Level.
-
-
0.5
mW
Jitter
Broadband Peak-to-Peak Jitter1, 2
-
-
200
ps
Vih_CKXTAL
Crystal Output High Level
1.4
-
-
V
Vil_CKXTAL
Crystal Output Low Level
-
-
0.4
V
Note 1: 25kHz to 25MHz RMS < 3ps.
Note 2: Broadband RMS < 9ps.
Note3: Fref Tolerance +/- 50ppm including effects of aging of the first year, external crystal capacitors, and PCB layout.
10.4. Oscillator/External Clock Requirements
Table 55. Oscillator/External Clock Requirements
Parameter
Condition
Minimum
Typical
Maximum
Unit
Frequency
-
-
25/50
-
MHz
Frequency Tolerance (RTL8211F/RTL8211FD)
Ta=0°C~70°C
-50
-
50
ppm
Frequency Tolerance (RTL8211FI/RTL8211FDI)
Ta=-40°C~85°C
-50
-
50
ppm
Duty Cycle
-
40
-
60
%
Broadband Peak-to-Peak Jitter
1, 2
-
-
-
200
ps
Vpeak-to-peak
-
3.15
3.3
3.45
V
Rise Time (10%~90%)
-
-
-
10
ns
Fall Time (10%~90%)
-
-
-
10
ns
Operating Temperature Range
-
-40
-
85
°C
Note 1: 25kHz to 25MHz RMS < 3ps.
Note 2: Broadband RMS < 9ps.
Note3: Frequency Tolerance +/- 50ppm including effects of aging of the first year, external crystal capacitors, and PCB
layout.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz