Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 66 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 66 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 62Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 63Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 64Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 65Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 66Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 67Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 68Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 69Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 70Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
59
Track ID: JATR-8275-15 Rev. 1.1
10.5. DC Characteristics
Table 56. DC Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VDD33, AVDD33
3.3V Supply Voltage
-
2.97
3.3
3.63
V
1. MDIO (Table 4,
page 8)
2. RGMII I/O
(Table 3, page 8)
2.5V RGMII Supply Voltage
-
2.25
2.5
2.75
V
1. MDIO (Table 4,
page 8)
2. RGMII I/O
(Table 3, page 8)
1.8V RGMII Supply Voltage
-
1.62V
1.8V
1.98V
V
1. MDIO (Table 4,
page 8)
2. RGMII I/O
(Table 3, page 8)
1.5V RGMII Supply Voltage
-
1.5V
1.55V
1.6V
V
DVDD10,
AVDD10
1.0V Supply Voltage
-
0.95
1.0
1.05
V
Voh (3.3V)
Minimum High Level Output Voltage
-
2.4
-
VDD33 + 0.3
V
Voh (2.5V)
Minimum High Level Output Voltage
-
2.0
-
VDD25 + 0.3
V
Voh (1.8V)
Minimum High Level Output Voltage
-
0.9*VDD18
-
VDD18 + 0.3
V
Voh (1.5V)
Minimum High Level Output Voltage
-
0.9*VDD15
-
VDD15 + 0.3
V
Vol (3.3V)
Maximum Low Level Output Voltage
-
-0.3
-
0.4
V
Vol (2.5V)
Maximum Low Level Output Voltage
-
-0.3
-
0.4
V
Vol (1.8V)
Maximum Low Level Output Voltage
-
-0.3
-
0.1*VDD18
V
Vol (1.5V)
Maximum Low Level Output Voltage
-
-0.3
-
0.1*VDD15
V
Vih (3.3V)
Minimum High Level Input Voltage
-
2.0
-
-
V
Vil (3.3V)
Maximum Low Level Input Voltage
-
-
-
0.8
V
Vih (2.5V)
Minimum High Level Input Voltage
-
1.7
-
-
V
Vil (2.5V)
Maximum Low Level Input Voltage
-
-
-
0.7
V
Vih (1.8V)
Minimum High Level Input Voltage
-
1.2
-
-
V
Vil (1.8V)
Maximum Low Level Input Voltage
-
-
-
0.5
V
Vih (1.5V)
Minimum High Level Input Voltage
-
1.0
-
-
V
Vil (1.5V)
Maximum Low Level Input Voltage
-
-
-
0.3
V
Iin
Input Current
Vin=VDD33
or GND
0
-
0.5
µA
Note: Pins not mentioned above remain at 3.3V.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz