Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 14 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 14 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 18Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
7
Track ID: JATR-8275-15 Rev. 1.1
6.
Pin Descriptions
Some pins have multiple functions. Refer to the Pin Assignments figure on page 6 for a graphical
representation.
I: Input
LI: Latched Input During Power up or Reset
O: Output
IO: Bi-Directional Input and Output
P: Power
PD: Internal Pull Down During Power On Reset
PU: Internal Pull Up During Power On Reset OD: Open Drain
G: Ground
6.1. Transceiver Interface
Table 1. Transceiver Interface
Pin No.
Pin Name
Type
Description
1
MDIP0
IO
2
MDIN0
IO
In MDI mode, this is the first pair in 1000Base-T, i.e., the BI_DA+/- pair, and is the
transmit pair in 10Base-T and 100Base-TX.
In MDI crossover mode, this pair acts as the BI_DB+/- pair, and is the receive pair in
10Base-T and 100Base-TX.
4
MDIP1
IO
5
MDIN1
IO
In MDI mode, this is the second pair in 1000Base-T, i.e., the BI_DB+/- pair, and is
the receive pair in 10Base-T and 100Base-TX.
In MDI crossover mode, this pair acts as the BI_DA+/- pair, and is the transmit pair
in 10Base-T and 100Base-TX.
6
MDIP2
IO
7
MDIN2
IO
In MDI mode, this is the third pair in 1000Base-T, i.e., the BI_DC+/- pair.
In MDI crossover mode, this pair acts as the BI_DD+/- pair.
9
MDIP3
IO
10
MDIN3
IO
In MDI mode, this is the fourth pair in 1000Base-T, i.e., the BI_DD+/- pair.
In MDI crossover mode, this pair acts as the BI_DC+/- pair.
6.2. Clock
Table 2. Clock
Pin No.
Pin Name
Type
Description
36
XTAL_IN
I
25MHz Crystal Input.
Connect to GND if an external 25MHz oscillator drives XTAL_OUT/EXT_CLK.
37
XTAL_OUT/E
XT_CLK
O
25MHz Crystal Output.
If a 25MHz oscillator is used, connect XTAL_OUT/EXT_CLK to the oscillator’s
output (see section 10.3, page 58 for clock source specifications).
35
CLKOUT
O
125/25MHz Reference Clock Generated from Internal PLL.
This pin should be kept floating if this clock is not used by MAC.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz