Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 19 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 19 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 23Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
12
Track ID: JATR-8275-15 Rev. 1.1
7.2.3.
10Mbps Mode
The received differential signal is converted into a Manchester-encoded stream first. Next, the stream is
processed with a Manchester decoder, and is de-serialized into 4-bit-wide nibbles. The 4-bit nibbles are
presented to the RGMII interface at a clock speed of 2.5MHz.
7.3. Energy Efficient Ethernet (EEE)
The RTL8211F(I)/RTL8211FD(I) supports IEEE 802.3az-2010, also known as Energy Efficient Ethernet
(EEE), at 10Mbps, 100Mbps, and 1000Mbps. It provides a protocol to coordinate transitions to/from a
lower power consumption level (Low Power Idle mode) based on link utilization. When no packets are
being transmitted, the system goes to Low Power Idle mode to save power. Once packets need to be
transmitted, the system returns to normal mode, and does this without changing the link status and without
dropping/corrupting frames.
To save power, when the system is in Low Power Idle mode, most of the circuits are disabled, however, the
transition time to/from Low Power Idle mode is kept small enough to be transparent to upper layer
protocols and applications.
EEE also specifies a negotiation method to enable link partners to determine whether EEE is supported.
Refer to http://www.ieee802.org/3/az/index.html for more details.
7.4. Wake-On-LAN (WOL)
The RTL8211F(I)/RTL8211FD(I) can monitor the network for a Wakeup Frame or a Magic Packet, and
notify the system via the PMEB (Power Management Event; ‘B’ means low active) pin when such a packet
or event occurs
1. The system can then be restored to a normal state to process incoming jobs. The PMEB
pin needs to be connected with a 4.7k-ohm resistor and pulled up to 3.3V. When the Wakeup Frame or a
Magic Packet is sent to the PHY, the PMEB pin will be set low to notify the system to wake up. Refer to the
WOL application note for details.
Magic Packet Wakeup occurs only when the following conditions are met:
• The destination address of the received Magic Packet is acceptable to the RTL8211F(I)/RTL8211FD(I),
e.g., a broadcast, multicast, or unicast packet addressed to the current RTL8211F(I)/RTL8211FD(I).
• The received Magic Packet does not contain a CRC error.
• The Magic Packet pattern matches; i.e., 6 * FFh + MISC (can be none) + 16 * DID (Destination ID) in
any part of a valid Ethernet packet.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz