Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 23 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 23 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 27Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
16
Track ID: JATR-8275-15 Rev. 1.1
Configuration
Description
CFG_LDO[1:0]
LDO Output Voltage Selection for I/O pad/
External Power Source Voltage Selection for I/O pad.
When pulling down CFG_EXT pin, CFG_LDO[1:0] represent LDO output voltage setting for
IO pad: (via 4.7k-ohm to GND)
00: Reserved.
01: 2.5V
10: 1.8V
11: 1.5V
When pulling up CFG_EXT pin, CFG_LDO[1:0] stand for external power voltage selection for
IO pad: (via 4.7k-ohm to 3.3V)
00: 3.3V
01: 2.5V
10: 1.8V
11: 1.5V
7.9. LED and PHY Address Configuration
In order to reduce the pin count on the RTL8211F(I)/RTL8211FD(I), the LED pins are duplexed with the
CFG_EXT and CFG_LDO pins. As the Hardware Configuration shares the LED output pins, the external
combinations required for strapping and LED usage must be considered in order to avoid contention.
Specifically, when the LED outputs are used to drive LEDs directly, the active state of each output driver is
dependent on the logic level sampled by the corresponding CFG_EXT/CFG_LDO inputs upon
power-on/reset.
For example, as Figure 5 (left-side) shows, if a given CFG_EXT/CFG_LDO inputs are resistively pulled
high then the corresponding LED outputs will be configured as an active low driver. On the right side, we
can see that if a given CFG_EXT/CFG_LDO inputs are resistively pulled low then the corresponding
output will be configured as an active high driver. The Hardware Configuration pins should not be
connected to GND or VCC directly, but must be pulled high or low through a resistor (e.g., 4.7K
Ω). If no
LED indications are needed, the components of the LED path (LED+510
Ω) can be removed.
CFG_LDO[1:0] = Logical 1
CFG_LDO[1:0] = Logical 0
CFG_EXT = Logical 1
CFG_EXT = Logical 0
LED Indication=Active low
LED Indication=Active High
Figure 5. LED and PHY Address Configuration


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz