Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8211FD-CG Datasheet(PDF) 25 Page - Realtek Semiconductor Corp.

Part No. RTL8211FD-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FD-CG Datasheet(HTML) 25 Page - Realtek Semiconductor Corp.

Back Button RTL8211FD-CG Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8211FD-CG Datasheet HTML 29Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
18
Track ID: JATR-8275-15 Rev. 1.1
7.11. MAC/PHY Interface
The RTL8211F(I)/RTL8211FD(I) supports industry standards and is suitable for most off-the-shelf MACs
with an RGMII interface.
7.11.1. RGMII
Among the RGMII interface in 100Base-TX and 10Base-T modes, TXC and RXC sources are 25MHz and
2.5MHz respectively; while in 1000Base-T mode, TXC and RXC sources are 125MHz. TXC will always
be generated by the MAC and RXC will always be generated by the PHY. TXD[3:0] and RXD[3:0] signals
are used for data transitions on the rising and falling edge of the clock.
7.11.2. Management Interface
The management interface provides access to the internal registers through the MDC and MDIO pins as
described in IEEE 802.3u section 22. The MDC signal, provided by the MAC, is the management data
clock reference to the MDIO signal. The MDIO is the management data input/output and is a bi-directional
signal that runs synchronously to MDC. The MDIO pin needs a 1.5k Ohm pull-up resistor to maintain the
MDIO high during idle and turnaround.
The RTL8211F(I)/RTL8211FD(I) can share the same MDIO line. In switch/router applications, each port
should be assigned a unique address during the hardware reset sequence, and it can only be addressed via
that unique PHY address. For detailed information on the management registers, see section 8 Register
Descriptions, page 29.
Table 12. Management Frame Format
Management Frame Fields
Preamble
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
Read
1…1
01
10
AAAAA
RRRRR
Z0
DDDDDDDDDDDDDDDD
Z
Write
1…1
01
01
AAAAA
RRRRR
10
DDDDDDDDDDDDDDDD
Z
Table 13. Management Frame Description
Name
Description
Preamble
32 Contiguous Logical 1’s Sent by the MAC on MDIO, along with 32 Corresponding Cycles on MDC.
This provides synchronization for the PHY.
ST
Start of Frame.
Indicated by a 01 pattern.
OP
Operation Code.
Read: 10
Write: 01
PHYAD
PHY Address.
Up to eight PHYs can be connected to one MAC. This 3-bit field selects which PHY the frame is directed to.
REGAD
Register Address.
This is a 5-bit field that sets which of the 32 registers of the PHY this operation refers to.


Similar Part No. - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FD-CG

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz