Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8211FDI-CG Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # RTL8211FDI-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211FDI-CG Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button RTL8211FDI-CG Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8211FDI-CG Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
RTL8211F(I)/RTL8211FD(I)
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
29
Track ID: JATR-8275-15 Rev. 1.1
8.
Register Descriptions
8.1. Register Mapping and Definitions
Table 18. Register Access Types
Type
Description
LH
Latch high. If the status is high, this field is set to ‘1’ and remains set.
RC
Read-cleared. The register field is cleared after read.
RO
Read only.
RW
Read and Write
SC
Self-cleared. Writing a ‘1’ to this register field causes the function to be activated immediately, and then the
field will be automatically cleared to’0’ .
Table 19. Register Mapping and Definitions
Offset
Access
Name
Description
0
RW
BMCR
Basic Mode Control Register.
1
RO
BMSR
Basic Mode Status Register.
2
RO
PHYID1
PHY Identifier Register 1.
3
RO
PHYID2
PHY Identifier Register 2.
4
RW
ANAR
Auto-Negotiation Advertising Register.
5
RO
ANLPAR
Auto-Negotiation Link Partner Ability Register.
6
RO
ANER
Auto-Negotiation Expansion Register.
7
RW
ANNPTR
Auto-Negotiation Next Page Transmit Register.
8
RO
ANNPRR
Auto-Negotiation Next Page Receive Register.
9
RW
GBCR
1000Base-T Control Register.
10
RO
GBSR
1000Base-T Status Register.
11~12
RO
RSVD
Reserved.
13
WO
MACR
MMD Access Control Register.
14
RW
MAADR
MMD Access Address Data Register.
15
RO
GBESR
1000Base-T Extended Status Register.
16~17
RO
RSVD
Reserved.
18
RW
INER
Interrupt Enable Register.
19~23
RO
RSVD
Reserved.
24
RW
PHYCR1
PHY Specific Control Register 1.
25
RW
PHYCR2
PHY Specific Control Register 2.
26
RO
PHYSR
PHY Specific Status Register.
27~28
RO
RSVD
Reserved.
29
RO
INSR
Interrupt Status Register.
30
RO
RSVD
Reserved.
31
RW
PAGSR
Page Select Register.


Similar Part No. - RTL8211FDI-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211FDI-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com