Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5504-CGT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5504-CGT
Description  Direct Conversion Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5504-CGT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5504-CGT Datasheet HTML 1Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 2Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 3Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 4Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 5Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 6Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 7Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 8Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5504 DCR
Direct Conversion Receiver
4
PIN DESCRIPTIONS
ANALOG PINS
NAME
TYPE
DESCRIPTION
RFP, RFN
I
RF inputs: balanced differential inputs to the receiver. The input signals placed on this
line are amplified with a variable gain amplifier before being passed to the I/Q
demodulator.
AGC
I
Automatic gain control input. A voltage from 0 to 4 volts on this pin varies the input
amplifier gain from minimum to maximum. The gain increase is 25 dB typical
Eon, Filn
I/O
External loop filter interface. Eon drives the base of an external common emitter
transistor. Filn is the feedback input from the loop filter capacitor.
XTLP, XTLN
I
Reference crystal input.
An external crystal connected between these pins
establishes the reference frequency for the PLL synthesizer. Following this oscillator is
a programmable divider that establishes the synthesizer step size.
IO2, QO2
O
Baseband outputs.
These typically drive an A/D converter prior to digital
demodulation and processing.
IO1, QO1
O
I and Q channel outputs to external low pass filter. An external series resistor can be
connected between this output and the filter to provide the source match.
IIN, QIN
I
I and Q channel inputs from external low pass filter. These are high impedance inputs
(>5000
Ω). The low pass filter must be designed for low input and high output
impedance.
Rxt
I
External reference resistor. This resistor is connected to ground and must be 7.68k
±1%. It is used as a reference for internal bias currents.
RSHP, RSHN
I
High range VCO resonator inputs
RSLP, RSLN
I
Low range VCO resonator inputs
DIGITAL PINS
Din
I/O
I2C data. This signal is connected to the I2C internal block. An external resistor
(typically 2.2 k) is connected between Din and Vcc for proper operation
Dclk
I
I2C clock Input. Dclk should nominally be a square wave with a maximum frequency
of 400kHz. SCL is generated by the system I2C master.


Similar Part No. - 5504-CGT

ManufacturerPart #DatasheetDescription
logo
Coto Technology
5504-05-1 COTO-5504-05-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
5504-12-1 COTO-5504-12-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
5504-24-1 COTO-5504-24-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
logo
Bourns Electronic Solut...
5504-RC BOURNS-5504-RC Datasheet
469Kb / 1P
   High Current Chokes
More results

Similar Description - 5504-CGT

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Skyworks Solutions Inc.
CX74017 SKYWORKS-CX74017 Datasheet
315Kb / 10P
   On the Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com