Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTS5169 Datasheet(PDF) 7 Page - Realtek Semiconductor Corp.

Part No. RTS5169
Description  USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTS5169 Datasheet(HTML) 7 Page - Realtek Semiconductor Corp.

Back Button RTS5169 Datasheet HTML 3Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 4Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 5Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 6Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 7Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 8Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 9Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 10Page - Realtek Semiconductor Corp. RTS5169 Datasheet HTML 11Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RTS5169
Datasheet
4. Pin Assignments
2
xD_D4
SC_RST
xD_RDY
xD_CE#
xD_CLE
AG_PLL
xD_ALE
NC
SD_CD#
SD_WP
xD_CD#
SC_CD#
SC_PWR
12345 6 7 89 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
24
MS_BS/xD_D5
SC_CK
SC_5V_CTRL#
SC_IO
RST#
GPIO4
MODE_SEL
SD_DAT3/xD_WE#
SD_DAT2/xD_RE#
DGND
LLLLLLL
GXXXVV
RTS5169
NC
USB2.0 SD/MMC/MS/MSPRO/xD & SM/SIM Card Reader
4
Rev1.2


Similar Part No. - RTS5169

ManufacturerPart No.DatasheetDescription
M-System Co.,Ltd.
M-System Co.,Ltd.
RTS MSYSTEM-RTS Datasheet
119Kb / 4P
   Plug-in Signal Conditioners M-UNIT
Schurter Inc.
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
Recom International Power
Recom International Pow...
RTS-0505 RECOM-RTS-0505 Datasheet
115Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RTS-0505 RECOM-RTS-0505 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
RTS-0505 RECOM-RTS-0505 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
More results

Similar Description - RTS5169

ManufacturerPart No.DatasheetDescription
Prolific Technology Inc.
Prolific Technology Inc...
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
GENESYS LOGIC
GENESYS LOGIC
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
   USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
Prolific Technology Inc.
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
GENESYS LOGIC
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
   USB 2.0 SD/MMC Single Slot Card Reader Controller
Prolific Technology Inc.
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
   USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
ITT Industries
ITT Industries
CCM05-5782T50 ITT-CCM05-5782T50 Datasheet
93Kb / 2P
   xD-Picture Card Connector
IOGEAR
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
Cherry Semiconductor Corporation
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz