Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC2016T470M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CBC2016T470M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CBC2016T470M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CBC2016T470M Datasheet HTML 3Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 4Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 5Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 6Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 7Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 8Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 9Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 10Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
195
5
梱包 PACKAGING
LB2518 / LBC2518
2000
CB2518 / CBC2518
LB2016 / LBC2016
2000
CB2016 / CBC2016
LB2012 / LBC2012
3000
CB2012 / CBC2012
LBH1608 / LB1608
4000
CBC3225
1000
CBL2012
4000
    
     標準数量
形 式 
        Standard Quantity
[pcs]
Type
テーピング
Tape&Reel
1
最小受注単位数 Minimum Quantity
2
テーピング材質 Tape material
4
リーダ部/空部 Leader and Blank Portion
3
テーピング寸法 Taping Dimensions
エンボステープ(8mm幅)Embossed Tape (0.315 inches wide)
紙テープ(8mm幅)Paper tape (0.315 inches wide)
形  式
チップ挿入部
挿入ピッチ
テープ厚み
Type
Chip Cavity
Insertion Pitch
Tape Thickness
AB
F
K
T
LB2518 / CB2519
2.15M0.1
2.7M0.1
4.0M0.1
2.1
0.3
LBC2518 / CBC2519 f0.085M0.004gf0.107M0.004gf0.157M0.004gf0.083g f0.012g
LB2016 / LBC2016
1.9M0.1
2.2M0.1
4.0M0.1
2.15
0.3
CB2016 / CBC2016
f
0.075M0.004gf0.087M0.004gf0.157M0.004gf0.085g
f
0.012g
LB2012 / LBC2012
1.5M0.2
2.3M0.2
4.0M0.1
2.0
0.3
CB2012 / CBC2012 f0.059M0.008gf0.091M0.008gf0.157M0.004gf0.079gf0.012g
  LBH1608
1.0M0.2
1.8M0.2
4.0M0.1
1.1max 1.1max
LB1608
f
0.059M0.008gf0.091M0.008gf0.157M0.004gf0.079gf0.012g
CBC3225
2.8M0.2
3.5M0.2
4.0M0.2
4.0max 0.6max
f
0.110M0.008gf0.138M0.008gf0.157M0.003gf0.157gf0.024g
CBL2012
1.55M0.2
2.3M0.2
4.0M0.1
1.1max 1.1max
f
0.061M0.008gf0.091M0.008gf0.157M0.004gf0.079gf0.079g
Unit: mm (inch)
5
リール寸法 Reel Size
トップテープのはがし力は、下図矢印方向にて0.2∼0.7Nとなります。
The top tape requires a peel-off force of 0.2 to 0.7N in the direction of the
arrow as illustrated below.
6
トップテープ強度 Top Tape Strength
10M1.5
(0.394M0.059)


Similar Part No. - CBC2016T470M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2016T470M TAIYO-YUDEN-CBC2016T470M Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2016T470M TAIYO-YUDEN-CBC2016T470M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2016T470M TAIYO-YUDEN-CBC2016T470M Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2016T470M8 TAIYO-YUDEN-CBC2016T470M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
2019.12.23
CBC2016T470MV TAIYO-YUDEN-CBC2016T470MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CBC2016T470M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com